Electronic Components Datasheet Search
  English  ▼

X  

ES2G-T Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ES2G-T
Description  2A, 200V - 600V Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES2G-T Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ES2G-T Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES2G-T Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES2G-T Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES2G-T Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
*: Optional available
PART NO.
ES2J-T
(TA=25°C unless otherwise noted)
Document Number: DS_D0000149
Version: A15
EXAMPLE
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
ES2J-T R5G
R5
G
R4
SMB
M4
SMB
Note 1: "xx" defines voltage from 200V (ES2D-T) to 600V (ES2J-T)
EXAMPLE
RATINGS AND CHARACTERISTICS CURVES
ORDERING INFORMATION
PACKING CODE
PACKING CODE
SUFFIX (*)
PACKAGE
DESCRIPTION
3,000 / 13" Plastic reel
ES2x-T
(Note 1)
R5
G
3,000 / 13" Paper reel
850 / 7" Plastic reel
PACKING
Green compound
Taiwan Semiconductor
ES2D-T - ES2J-T
SMB
0
1
2
3
80
90
100
110
120
130
140
150
LEAD TEMPERATURE (°C)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTER OR
INDUCTIVE LOAD
0
10
20
30
40
50
60
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=75°C
TJ=125°C
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
ES2J-T
Pulse Width=300μs
1% Duty Cycle
ES2G-T
ES2D-T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com