Electronic Components Datasheet Search
  English  ▼

X  

SBS24 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SBS24
Description  2A, 40V - 60V Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SBS24 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SBS24 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SBS24 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SBS24 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SBS24 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
Note 2: Whole series with green compound
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D0000046
Version: B15
5,000 / 13" Paper reel
1,000 / 7" Plastic reel
PACKING
ORDERING INFORMATION
SBS24HREG
SBS24
H
RE
G
AEC-Q101 qualified
Green compound
Note 1: "x" defines voltage from 40V (SBS24) to 60V (SBS26)
PREFERRED P/N
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
EXAMPLE
PACKAGE
SBS2x
(Note 1, 2)
H
RE
G
ABS
RG
ABS
SBS24 - SBS26
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
0
1
2
3
0
25
50
75
100
125
150
LEAD TEMPERATURE (°C)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
0
25
50
75
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half
Sine-Wave
0.001
0.01
0.1
1
10
100
0
20406080
100
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 4 TYPICAL JUNCTION CAPACITANCE
f=1MHz
Vsig=50mVp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com