Electronic Components Datasheet Search
  English  ▼

X  

HD10 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # HD10
Description  MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

HD10 Datasheet(HTML) 1 Page - Nanjing International Group Co

  HD10 Datasheet HTML 1Page - Nanjing International Group Co HD10 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=40 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 0.8A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
HD01
HD02
HD04
HD06
HD08
HD10
UNITS
100
200
400
600
800
1000
V
100
200
400
600
800
1000
V
700
140
280
420
560
700
0.8
30
5
5
00
-65
+150
-65
+150
V
A
A
V
uA
uA
C
C
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.0 grams
HD01 THRU HD10
1.0
.158(4.0)
.106(2.7)
.275(7)MAX
.008(.2)
.043(1.1)
.106(2.7)
.193(4.9)
.031(.8)
.142(3.6)
.090(2.3)
.027(0.7)
.090(2.3)
.177(4.5)
.019(.5)
+
~
~
MiNiDIP
VOLTAGE RANGE
100 to 1000 Volts
CURRENT
0.8 Ampere
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - HD10

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HD10 MCC-HD10 Datasheet
93Kb / 2P
0.8 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
logo
Willow Technologies Ltd
HD10 WILLOW-HD10 Datasheet
882Kb / 2P
High Voltage Divider Set, Thick film,Non-Inductive R1 & R2
logo
Diotech Company.
HD10 DIOTECH-HD10 Datasheet
870Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
HD10 CHENDA-HD10 Datasheet
547Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SHIKUES Electronics
HD10 SKTECHNOLGY-HD10 Datasheet
1Mb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - HD10

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
B1S PACELEADER-B1S Datasheet
145Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Nanjing International G...
B1S DGNJDZ-B1S Datasheet
109Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MB1S DGNJDZ-MB1S Datasheet
360Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Nanjing International G...
B1S-B10S DGNJDZ-B1S-B10S Datasheet
134Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MB05S DGNJDZ-MB05S Datasheet
143Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB1F BYTESONIC-MB1F Datasheet
550Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.4 2017/03/13
B1S BYTESONIC-B1S Datasheet
604Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
2017/5/17
RABS210 BYTESONIC-RABS210 Datasheet
905Kb / 2P
Surface Mount Glass Passivated Bridge Rectifiers
2019/10/12
logo
HY ELECTRONIC CORP.
FABS205 HY-FABS205 Datasheet
326Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com