Electronic Components Datasheet Search
  English  ▼

X  

HAS400-S Datasheet(PDF) 1 Page - LEM

Part # HAS400-S
Description  Current Transducers HAS 50 to 600-S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAS400-S Datasheet(HTML) 1 Page - LEM

  HAS400-S Datasheet HTML 1Page - LEM HAS400-S Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current
Type
r.m.s. current
measuring range
I
PN
(A)
I
P
(A)
50
± 150
HAS 50-S
100
± 300
HAS 100-S
200
± 600
HAS 200-S
300
± 900
HAS 300-S
400
± 900
HAS 400-S
500
± 900
HAS 500-S
600
± 900
HAS 600-S
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
± 15
mA
I
OC
Overload capacity
30,000
At
V
d
R.m.s. voltage for AC isolation test, 50/60 Hz, 1 mn
3
kV
V
b
R.m.s. rated voltage, safe separation
5001)
V
R
IS
Isolation resistance @ 500 VDC
> 1000
M
Ω
V
OUT
Output voltage @ ± I
PN, RL = 10 kΩ , TA = 25°C
± 4V ±
40
mV
R
OUT
Output internal resistance
approx. 100
Ω
R
L
Load resistance
> 1
k
Ω
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
< ± 1
%
εε
L
Linearity 2) (0 .. ± I
PN)
< ± 1
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
< ± 20
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 1 x I
PN
< ± 20
mV
V
OT
Thermal drift of V
OE
HAS 50-S
< ± 2
mV/K
HAS 100 to HAS 600-S
< ± 1
mV/K
TC
εε
G
Thermal drift of the gain (% of reading)
< ± 0.1
%/K
t
r
Response time @ 90% of I
P
< 3
µs
di/dt
di/dt accurately followed
> 50
A/
µs
f
Frequency bandwidth (- 3 dB) 3)
DC .. 50
kHz
General data
T
A
Ambient operating temperature
- 10 .. + 80
°C
T
S
Ambient storage temperature
- 25 .. + 80
°C
m
Mass
approx. 60
g
Standards 4)
EN 50178
Current Transducers HAS 50 to 600-S
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
=
50 .. 600 A
V
OUT
=
±± 4 V
Notes : 1) Pollution class 2, overvoltage category III.
2) Linearity data exclude the electrical offset.
3) Please refer to derating curves in the technical file to avoid excessive
core heating at high frequency.
4) Please consult characterisation report for more technical details and
application advice.
Features
• Hall effect measuring principle
• Galvanic isolation between primary
and secondary circuit
• Isolation voltage 3000 V~
• Low power consumption
• Extended measuring range (3 x I
PN)
• Insulated plastic case made of
polycarbonate PBT recognized
according to UL 94-V0
Advantages
• Easy mounting
• Small size and space saving
• Only one design for wide current
ratings range
• High immunity to external
interference.
Applications
• AC variable speed drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
LEM Components
www.lem.com
981007/4


Similar Part No. - HAS400-S

ManufacturerPart #DatasheetDescription
logo
LEM
HAS400-S LEM-HAS400-S Datasheet
723Kb / 2P
Current Transducer
HAS400-S LEM-HAS400-S Datasheet
217Kb / 3P
Current Transducer
More results

Similar Description - HAS400-S

ManufacturerPart #DatasheetDescription
logo
LEM
HAL50-S LEM-HAL50-S Datasheet
57Kb / 2P
Current Transducer HAL 50~600-S
HAS50-P LEM-HAS50-P Datasheet
132Kb / 2P
Current Transducers HAS 50~600-P
HAX500-S LEM-HAX500-S Datasheet
140Kb / 2P
Current Transducers HAX 500 to 2500-S
HAS-300-S LEM-HAS-300-S Datasheet
217Kb / 3P
Current Transducer HAS 50 .. 600-S
HAS-50-S LEM-HAS-50-S Datasheet
530Kb / 3P
Current Transducer HAS 50 .. 600-S
HAS-200-S LEM-HAS-200-S Datasheet
530Kb / 3P
Current Transducer HAS 50 .. 600-S
HASS-200-S LEM-HASS-200-S Datasheet
823Kb / 3P
Current Transducer HASS 50 .. 600-S
HASS-300-S LEM-HASS-300-S Datasheet
823Kb / 3P
Current Transducer HASS 50 .. 600-S
HASS-400-S LEM-HASS-400-S Datasheet
823Kb / 3P
Current Transducer HASS 50 .. 600-S
logo
PHOENIX CONTACT
2814647 PHOENIX-2814647 Datasheet
77Kb / 5P
Current transducers - MCR-S-10-50-UI-DCI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com