Electronic Components Datasheet Search
  English  ▼

X  

ADC12H032 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12H032
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12H032 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC12H032 Datasheet HTML 10Page - National Semiconductor (TI) ADC12H032 Datasheet HTML 11Page - National Semiconductor (TI) ADC12H032 Datasheet HTML 12Page - National Semiconductor (TI) ADC12H032 Datasheet HTML 13Page - National Semiconductor (TI) ADC12H032 Datasheet HTML 14Page - National Semiconductor (TI) ADC12H032 Datasheet HTML 15Page - National Semiconductor (TI) ADC12H032 Datasheet HTML 16Page - National Semiconductor (TI) ADC12H032 Datasheet HTML 17Page - National Semiconductor (TI) ADC12H032 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Typical Performance Characteristics The following curves apply for 12-bit + sign mode after
auto-calibration unless otherwise specified. The performance for 8-bit + sign mode is equal to or better than shown. (Note
9) (Continued)
Analog Supply Current
vs Temperature
Digital Supply Current
vs Clock Frequency
Digital Supply Current
vs Temperature
01135465
01135466
01135467
Typical Dynamic Performance Characteristics The following curves apply for 12-bit + sign
mode after auto-calibration unless otherwise specified.
Bipolar Spectral Response
with 1 kHz Sine Wave Input
Bipolar Spectral Response
with 10 kHz Sine Wave Input
Bipolar Spectral Response
with 20 kHz Sine Wave Input
01135468
01135469
01135470
Bipolar Spectral Response
with 30 kHz Sine Wave Input
Bipolar Spectral Response
with 40 kHz Sine Wave Input
Bipolar Spectral Response
with 50 kHz Sine Wave Input
01135471
01135472
01135473
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com