Electronic Components Datasheet Search
  English  ▼

X  

V048F020T080 Datasheet(PDF) 6 Page - Vicor Corporation

Part # V048F020T080
Description  Non-isolated Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F020T080 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button V048F020T080 Datasheet HTML 2Page - Vicor Corporation V048F020T080 Datasheet HTML 3Page - Vicor Corporation V048F020T080 Datasheet HTML 4Page - Vicor Corporation V048F020T080 Datasheet HTML 5Page - Vicor Corporation V048F020T080 Datasheet HTML 6Page - Vicor Corporation V048F020T080 Datasheet HTML 7Page - Vicor Corporation V048F020T080 Datasheet HTML 8Page - Vicor Corporation V048F020T080 Datasheet HTML 9Page - Vicor Corporation V048F020T080 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PRM® Regulator
Rev 2.1
vicorpower.com
Page 6 of 14
09/2015
800 927.9474
P036F048T12AL
Figure 10 — Transient response; PRM alone 18 Vin, 0 – 2.5 – 0 A
no load capacitance, local loop and 48 Vf
Figure 9 — Transient response; PRM alone 36 Vin, 0 – 2.5 – 0 A
no load capacitance, local loop and 48 Vf
Figure 11 — Transient response; PRM alone 60 Vin, 0 – 2.5 – 0 A
no load capacitance, local loop and 48 Vf
Figure 12 — PC during fault – frequency will vary as a function of line voltage
Figure 14 — Output ripple full load 10µF bypass capacitance. Vf = 48 Vdc
Figure 13 — Output ripple full load no bypass capacitance. Vf = 48 Vdc
Electrical Specifications (continued)
VI Chip Regulator
Output Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com