Electronic Components Datasheet Search
  English  ▼

X  

MB9B100A Datasheet(PDF) 5 Page - SPANSION

Part # MB9B100A
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B100A Datasheet(HTML) 5 Page - SPANSION

  MB9B100A Datasheet HTML 1Page - SPANSION MB9B100A Datasheet HTML 2Page - SPANSION MB9B100A Datasheet HTML 3Page - SPANSION MB9B100A Datasheet HTML 4Page - SPANSION MB9B100A Datasheet HTML 5Page - SPANSION MB9B100A Datasheet HTML 6Page - SPANSION MB9B100A Datasheet HTML 7Page - SPANSION MB9B100A Datasheet HTML 8Page - SPANSION MB9B100A Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 109 page
background image
D a t a S h e e t
2
MB9B100A-DS706-00020-2v0-E, December 15, 2014
CONFIDENTIAL
 FEATURES
 32-bit ARM Cortex-M3 Core
・Processor version: r2p0
・Up to 80MHz Frequency Operation
・Memory Protection Unit (MPU): improve the reliability of an embedded system
・Integrated Nested Vectored Interrupt Controller (NVIC): 1 NMI (non-maskable interrupt) and 48
peripheral interrupts and 16 priority levels
・24-bit System timer (Sys Tick): System timer for OS task management
 On-chip Memories
[Flash memory]
・Up to 512 Kbyte
・Read cycle: 0wait-cycle@up to 60MHz, 2wait-cycle* above
*: Instruction pre-fetch buffer is included. So when CPU access continuously, it becomes 0wait-cycle
・Security function for code protection
[SRAM]
This series contain a total of up to 64Kbyte on-chip SRAM. This is composed of two independent
SRAM(SRAM0, SRAM1). SRAM0 is connected to I-code bus
and D-code bus of Cortex-M3 core. SRAM1
is connected to System bus.
・SRAM0: Up to 32 Kbyte
・SRAM1: Up to 32 Kbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com