Electronic Components Datasheet Search
  English  ▼

X  

MB9B120M Datasheet(PDF) 5 Page - SPANSION

Part # MB9B120M
Description  The MB9B120M Series are highly integrated
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B120M Datasheet(HTML) 5 Page - SPANSION

  MB9B120M Datasheet HTML 1Page - SPANSION MB9B120M Datasheet HTML 2Page - SPANSION MB9B120M Datasheet HTML 3Page - SPANSION MB9B120M Datasheet HTML 4Page - SPANSION MB9B120M Datasheet HTML 5Page - SPANSION MB9B120M Datasheet HTML 6Page - SPANSION MB9B120M Datasheet HTML 7Page - SPANSION MB9B120M Datasheet HTML 8Page - SPANSION MB9B120M Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 109 page
background image
D a t a S h e e t
2
MB9B120M_DS706-00050-3v0-E, March 18, 2015
CONFIDENTIAL
 Features
 32-bit ARM Cortex-M3 Core
 Processor version: r2p1
 Up to 72 MHz Frequency Operation
 Integrated Nested Vectored Interrupt Controller (NVIC): 1 NMI (non-maskable interrupt) and
48 peripheral interrupts and 16 priority levels
 24-bit System timer (Sys Tick): System timer for OS task management
 On-chip Memories
[Flash memory]
 Dual operation Flash memory
 Dual Operation Flash memory has the upper bank and the lower bank.
So, this series could implement erase, write and read operations
for each bank simultaneously.
 Main area: Up to 256 Kbytes (Up to 240 Kbytes upper bank + 16 Kbytes lower bank)
 Work area: 32 Kbytes (lower bank)
 Read cycle: 0 wait-cycle
 Security function for code protection
[SRAM]
This Series on-chip SRAM is composed of two independent SRAM (SRAM0, SRAM1). SRAM0 is
connected to I-code bus and D-code bus of Cortex-M3 core. SRAM1 is connected to System bus.
 SRAM0: Up to 16 Kbytes
 SRAM1: Up to 16 Kbytes
 Multi-function Serial Interface (Max eight channels)
 4 channels with 16steps×9-bit FIFO (ch.0/1/3/4), 4 channels without FIFO (ch.2/5/6/7)
 Operation mode is selectable from the followings for each channel.
 UART
 CSIO
 LIN
 I
2C
[UART]
 Full duplex double buffer
 Selection with or without parity supported
 Built-in dedicated baud rate generator
 External clock available as a serial clock
 Hardware Flow control : Automatically control the transmission/reception by CTS/RTS (only ch.4)
 Various error detection functions available (parity errors, framing errors, and overrun errors)
[CSIO]
 Full duplex double buffer
 Built-in dedicated baud rate generator
 Overrun error detection function available
[LIN]
 LIN protocol Rev.2.1 supported
 Full duplex double buffer
 Master/Slave mode supported
 LIN break field generation (can be changed to 13 to 16-bit length)
 LIN break delimiter generation (can be changed to 1 to 4-bit length)
 Various error detection functions available (parity errors, framing errors, and overrun errors)
[I
2C]
Standard mode (Max 100 kbps) / Fast mode (Max 400 kbps) supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com