Electronic Components Datasheet Search
  English  ▼

X  

MB9B300B Datasheet(PDF) 94 Page - SPANSION

Part # MB9B300B
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B300B Datasheet(HTML) 94 Page - SPANSION

Back Button MB9B300B Datasheet HTML 90Page - SPANSION MB9B300B Datasheet HTML 91Page - SPANSION MB9B300B Datasheet HTML 92Page - SPANSION MB9B300B Datasheet HTML 93Page - SPANSION MB9B300B Datasheet HTML 94Page - SPANSION MB9B300B Datasheet HTML 95Page - SPANSION MB9B300B Datasheet HTML 96Page - SPANSION MB9B300B Datasheet HTML 97Page - SPANSION MB9B300B Datasheet HTML 98Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 113 page
background image
D a t a S h e e t
December 15, 2014, MB9B300B-DS706-00024-3v0-E
91
CONFIDENTIAL
6.
USB characteristics
(Vcc = 2.7V to 5.5V, USBVcc = 3.0V to 3.6V, Vss = 0V, Ta = - 40C to + 85C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit Remarks
MIN
MAX
Input
charact-
eristics
Input High level voltage
VIH
UDP0,
UDM0
-
2.0
USBVcc + 0.3
V
*1
Input Low level voltage
VIL
-
Vss - 0.3
0.8
V
*1
Differential input
sensitivity
VDI
-
0.2
-
V
*2
Different common mode
input voltage
VCM
-
0.8
2.5
V
*2
Output
charact-
erstics
Output High level voltage
VOH
External
pull-down
resistance
= 15kΩ
2.8
3.6
V
*3
Output Low level voltage
VOL
External
pull-up
resistance
= 1.5kΩ
0.0
0.3
V
*3
Crossover voltage
VCRS
-
1.3
2.0
V
*4
Rise time
tFR
Full Speed
4
20
ns
*5
Fall time
tFF
Full Speed
4
20
ns
*5
Rise/ fall time matching
tFRFM
Full Speed
90
111.11
%
*5
Output impedance
ZDRV
Full Speed
28
44
Ω
*6
Rise time
tLR
Low Speed
75
300
ns
*7
Fall time
tLF
Low Speed
75
300
ns
*7
Rise/ fall time matching
tLRFM
Low Speed
80
125
%
*7
*1 : The switching threshold voltage of Single-End-Receiver of USB I/O buffer is set as within VIL (Max) = 0.8V,
VIH (Min) = 2.0 V (TTL input standard).
There are some hystereses to lower noise sensitivity.
*2 : Use differential-Receiver to receive USB differential data signal.
Differential-Receiver has 200 mV of differential input sensitivity when the differential data input is within
0.8 V to 2.5 V to the local ground reference level.
Above voltage range is the common mode input voltage range.
0.2
0.8
1.0
2.5
Common mode input voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com