Electronic Components Datasheet Search
  English  ▼

X  

MB9B310T Datasheet(PDF) 5 Page - SPANSION

Part # MB9B310T
Description  This document states the current technical specifications regarding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B310T Datasheet(HTML) 5 Page - SPANSION

  MB9B310T Datasheet HTML 1Page - SPANSION MB9B310T Datasheet HTML 2Page - SPANSION MB9B310T Datasheet HTML 3Page - SPANSION MB9B310T Datasheet HTML 4Page - SPANSION MB9B310T Datasheet HTML 5Page - SPANSION MB9B310T Datasheet HTML 6Page - SPANSION MB9B310T Datasheet HTML 7Page - SPANSION MB9B310T Datasheet HTML 8Page - SPANSION MB9B310T Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 133 page
background image
D a t a S h e e t
2
MB9B310T-DS706-00017-3v0-E, February 10, 2015
CONFIDENTIAL
 Features
 32-bit ARM Cortex-M3 Core
 Processor version: r2p1
 Up to 144 MHz Frequency Operation
 Memory Protection Unit (MPU):improves the reliability of an embedded system
 Integrated Nested Vectored Interrupt Controller (NVIC): 1 NMI (non-maskable interrupt) and 48
peripheral interrupts and 16 priority levels
 24-bit System timer (Sys Tick): System timer for OS task management
 On-chip Memories
[Flash memory]
 Up to 1 Mbyte
 Built-in Flash Accelerator System with 16 Kbyte trace buffer memory
The read access to Flash memory can be achieved without wait cycle up to operation frequency of
72MHz. Even at the operation frequency more than 72MHz, an equivalent access to Flash memory
can be obtained by Flash Accelerator System.
 Security function for code protection
[SRAM]
This Series contain a total of up to 128Kbyte on-chip SRAM memories. This is composed of two
independent SRAM (SRAM0,SRAM1) . SRAM0 is connected to I-code bus and D-code bus of Cortex-M3
core. SRAM1 is connected to System bus.
 SRAM0: Up to 64 Kbyte.
 SRAM1: Up to 64 Kbyte.
 External Bus Interface
 Supports SRAM, NOR and NAND Flash device
 Up to 8 chip selects
 8-/16-bit Data width
 Up to 25-bit Address bit
 Maximum area size : Up to 256 Mbytes
 Supports Address/Data multiplex
 Supports external RDY input
 USB Interface (Max 2 channels)
USB interface is composed of Function and Host.
[USB function]
 USB2.0 Full-Speed supported
 Max 6 EndPoint supported
 EndPoint 0 is control transfer
 EndPoint 1, 2 can be selected Bulk-transfer, Interrupt-transfer or Isochronous-transfer
 EndPoint 3 to 5 can be selected Bulk-transfer or Interrupt-transfer
 EndPoint 1 to 5 is comprised Double Buffer
 EndPoint 0, 2 to 5:64 bytes
 EndPoint 1: 256 bytes
[USB host]
 USB2.0 Full/Low speed supported
 Bulk-transfer, interrupt-transfer and Isochronous-transfer support
 USB Device connected/dis-connected automatically detect
 IN/OUT token handshake packet automatically
 Max 256-byte packet-length supported
 Wake-up function supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com