Electronic Components Datasheet Search
  English  ▼

X  

LA35-NP Datasheet(PDF) 2 Page - LEM

Part # LA35-NP
Description  Current Transducer LA 35-NP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA35-NP Datasheet(HTML) 2 Page - LEM

  LA35-NP Datasheet HTML 1Page - LEM LA35-NP Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions LA 35-NP (in mm. 1 mm = 0.0394 inch)
Connection
Remarks
•I
S is positive when IP flows from terminals 1, 2, 3, 4, 5 to
terminals 10, 9, 8, 7, 6
•This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
•General tolerance
± 0.2 mm
•Fastening & connection of primary
10 pins 0.7 x 0.6 mm
•Fastening & connection of secondary 3 pins ∅ 1 mm
•Recommended PCB hole
1.2 mm
Right view
Bottom view
Top view
Secondary terminals
Terminal + : supply voltage + 15 V
Terminal M : measure
Terminal - : supply voltage - 15 V
in
out
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
5 4 3 2 1
IN
OUT
6 7 8 9 10
5 4 3 2 1
IN
OUT
6 7 8 9 10
5 4 3 2 1
IN
OUT
6 7 8 9 10
5 4 3 2 1
IN
OUT
6 7 8 9 10
5 4 3 2 1
IN
OUT
6 7 8 9 10
1
35
70
35
1 / 1000
0.3
0.023
2
17
34
34
2 / 1000
1.1
0.09
3
11
22
33
3 / 1000
2.5
0.21
4
8
16
32
4 / 1000
4.4
0.37
5
7
14
35
5 / 1000
6.3
0.58
Numbe r
of primary
turn s
Primary curren t
nomina l
maximum
I
PN
[ A ]
I
P
[ A ]
Nomina l
output current
I
SN
[ mA ]
Turn s
rati o
K
N
Primar y
resistanc e
R
P
[ m
Ω ]
Primary insertio n
inductanc e
L
P
[ µH ]
Recommended
connection s
Back view
swiss
Standard 00
Year Week
or N° SP..



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com