Electronic Components Datasheet Search
  English  ▼

X  

MB9BF415R Datasheet(PDF) 79 Page - SPANSION

Part # MB9BF415R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF415R Datasheet(HTML) 79 Page - SPANSION

Back Button MB9BF415R Datasheet HTML 75Page - SPANSION MB9BF415R Datasheet HTML 76Page - SPANSION MB9BF415R Datasheet HTML 77Page - SPANSION MB9BF415R Datasheet HTML 78Page - SPANSION MB9BF415R Datasheet HTML 79Page - SPANSION MB9BF415R Datasheet HTML 80Page - SPANSION MB9BF415R Datasheet HTML 81Page - SPANSION MB9BF415R Datasheet HTML 82Page - SPANSION MB9BF415R Datasheet HTML 83Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 121 page
background image
D a t a S h e e t
76
MB9B410R-DS706-00026-3v0-E, March 11, 2015
CONFIDENTIAL
(5) Reset Input Characteristics
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Reset input time
tINITX
INITX
-
500
-
ns
(6) Power-on Reset Timing
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Max
Power supply rising time
tVCCR
VCC
0
-
ms
Power supply shut down time
tOFF
1
-
ms
Time until releasing
Power-on reset
tPRT
0.57
0.76
ms
0.2V
VDH_minimum
VCC_minimum
tPRT
Internal reset
VCC
CPU Operation
start
Reset active
Release
tVCCR
0.2V
0.2V
tOFF
Glossary
・VCC_minimum : Minimum V
CC of recommended operating conditions
・VDH_minimum : Minimum release voltage of Low-Voltage detection reset.
See "6. Low-Voltage Detection Characteristics"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com