Electronic Components Datasheet Search
  English  ▼

X  

MB9BF504RB Datasheet(PDF) 9 Page - SPANSION

Part # MB9BF504RB
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF504RB Datasheet(HTML) 9 Page - SPANSION

Back Button MB9BF504RB Datasheet HTML 5Page - SPANSION MB9BF504RB Datasheet HTML 6Page - SPANSION MB9BF504RB Datasheet HTML 7Page - SPANSION MB9BF504RB Datasheet HTML 8Page - SPANSION MB9BF504RB Datasheet HTML 9Page - SPANSION MB9BF504RB Datasheet HTML 10Page - SPANSION MB9BF504RB Datasheet HTML 11Page - SPANSION MB9BF504RB Datasheet HTML 12Page - SPANSION MB9BF504RB Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
D a t a S h e e t
6
MB9B500B-DS706-00021-3v0-E, December 15, 2014
CONFIDENTIAL
 Clock and Reset
[Clocks]
Five clock sources (2 ext. osc, 2 CR osc, and Main PLL) that are dynamically selectable.
・Main Clock
: 4MHz to 48MHz
・Sub Clock
: 32.768kHz
・Built-in high-speed CR Clock
: 4MHz
・Built-in low-speed CR Clock
: 100kHz
・Main PLL Clock
[Resets]
・Reset requests from INITX pins
・Power-on reset
・Software reset
・Watchdog timers reset
・Low-voltage detector reset
・Clock supervisor reset
 Clock Super Visor (CSV)
Clocks generated by CR oscillators are used to supervise abnormality of the external clocks.
・External OSC clock failure (clock stop) is detected, reset is asserted.
・External OSC frequency anomaly is detected, interrupt or reset is asserted.
 Low Voltage Detector (LVD)
This series include 2-stage monitoring of voltage on the VCC. When the voltage falls below the voltage has
been set, Low Voltage Detector generates an interrupt or reset.
・LVD1: error reporting via interrupt
・LVD2: auto-reset operation
 Low-Power Consumption Mode
Three low-power consumption modes supported.
・SLEEP
・TIMER
・STOP
 Debug
・Serial Wire JTAG Debug Port (SWJ-DP)
・Embedded Trace Macrocells (ETM) provide comprehensive debug and trace facilities.
 Power Supply
Two Power Supplies
・VCC
= 2.7V to 5.5V: Correspond to the wide range voltage.
・USBVCC
= 3.0V to 3.6V: for USB I/O voltage, when USB is used.
= 2.7V to 5.5V: when GPIO is used.*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com