Electronic Components Datasheet Search
  English  ▼

X  

MB9B520M Datasheet(PDF) 50 Page - SPANSION

Part # MB9B520M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B520M Datasheet(HTML) 50 Page - SPANSION

Back Button MB9B520M Datasheet HTML 46Page - SPANSION MB9B520M Datasheet HTML 47Page - SPANSION MB9B520M Datasheet HTML 48Page - SPANSION MB9B520M Datasheet HTML 49Page - SPANSION MB9B520M Datasheet HTML 50Page - SPANSION MB9B520M Datasheet HTML 51Page - SPANSION MB9B520M Datasheet HTML 52Page - SPANSION MB9B520M Datasheet HTML 53Page - SPANSION MB9B520M Datasheet HTML 54Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B520M_DS706-00048-3v0-E
47
CONFIDENTIAL
 Block Diagram
Cortex-M3 Core
@72MHz(Max)
Flash I/F
Clock Reset
Generator
Dual-Timer
WatchDog Timer
(Hardware)
DMAC
8ch.
Watch Counter
CSV
External Interrupt
Controller
16-pin + NMI
Power-On
Reset
SRAM0
8/16 Kbytes
SRAM1
8/16 Kbytes
I
D
Sys
MB9BF521K/L/M, F522K/L/M, F524K/L/M
NVIC
WatchDog Timer
(Software)
Security
12-bit A/D Converter
TRSTX,TCK,
TDI,TMS
AVCC,
AVSS,
AVRH,
AVRL
ANxx
TIOAx
TIOBx
C
TDO
SCKx
SINx
SOTx
INTx
NMIX
P0x,
P1x,
・
・
・
PFx
INITX
MODE-Ctrl
IRQ-Monitor
MD0,
MD1
Regulator
CRC
Accelerator
ADTGx
RTS4
CTS4
On-Chip Flash
64+32 Kbytes/
128+32 Kbytes/
256+32 Kbytes
UDP0/UDM0
UHCONX
Multi-Function Serial I/F
8ch.
(with FIFO ch.0/1/3/4)
HW flow control(ch.4)
GPIO
PIN-Function-Ctrl
LVD
USB2.0
(Host/
Func)
PHY
ROM Table
SWJ-DP
LVD Ctrl
Base Timer
16-bit 8ch./
32-bit 4ch.
Real-Time Colck
RTCCO_x,
SUBOUT_x
USB Clock Ctrl
PLL
Deep Standby Ctrl
WKUPx
Unit 0
CAN
TX1_2,
RX1_2
Unit 1
10-bit D/A Converter
2units
DAx
QPRC
2ch.
AINx
BINx
ZINx
Multi-function Timer
16-bit Free-run Timer
3ch.
16-bit Output
Compare 6ch.
16-bit Input Capture
4ch.
Waveform Generator
3ch.
A/D Activation
Compare 2ch.
16-bit PPG
3ch.
IC0x
DTTI0X
RTO0x
FRCKx
IGTRG_x
CAN Prescaler
X0
X1
X0A
PLL
CLK
CR
100kHz
Source Clock
CROUT
Main
Osc
Sub
Osc
CR
4MHz
X1A
USBVCC
 Memory Size
See "
Memory size" in "Product Lineup" to confirm the memory size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com