Electronic Components Datasheet Search
  English  ▼

X  

MB9B610T Datasheet(PDF) 9 Page - SPANSION

Part # MB9B610T
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B610T Datasheet(HTML) 9 Page - SPANSION

Back Button MB9B610T Datasheet HTML 5Page - SPANSION MB9B610T Datasheet HTML 6Page - SPANSION MB9B610T Datasheet HTML 7Page - SPANSION MB9B610T Datasheet HTML 8Page - SPANSION MB9B610T Datasheet HTML 9Page - SPANSION MB9B610T Datasheet HTML 10Page - SPANSION MB9B610T Datasheet HTML 11Page - SPANSION MB9B610T Datasheet HTML 12Page - SPANSION MB9B610T Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 141 page
background image
D a t a S h e e t
6
MB9B610T-DS706-00014-3v0-E, February 10, 2015
CONFIDENTIAL
Clock Super Visor (CSV)
Clocks generated by internal CR oscillators are used to supervise abnormality of the external clocks.
 External OSC clock failure (clock stop) is detected, reset is asserted.
 External OSC frequency anomaly is detected, interrupt or reset is asserted.
Low-Voltage Detector (LVD)
This Series include 2-stage monitoring of voltage on the VCC pins. When the voltage falls below the
voltage has been set, Low-Voltage Detector generates an interrupt or reset.
 LVD1: error reporting via interrupt
 LVD2: auto-reset operation
Low-power Mode
Three power saving modes supported.
 SLEEP
 TIMER
 STOP
Debug
 Serial Wire JTAG Debug Port (SWJ-DP)
 Embedded Trace Macrocells (ETM) provide comprehensive debug and trace facilities.
Power Supply
Four Power Supplies
 Wide range voltage VCC = 2.7 V to 5.5 V
 USBVCC0
= 3.0 V to 3.6 V: for USB ch.0 I/O voltage, when USB ch.0 is used.
= 2.7 V to 5.5 V: when GPIO is used.
 USBVCC1
= 3.0 V to 3.6 V: for USB ch.1 I/O voltage, when USB ch.1 is used.
= 2.7 V to 5.5 V: when GPIO is used.
 ETHVCC
= 3.0 V to 5.5 V: for Ethernet I/O voltage, when Ethernet is used.
= 2.7 V to 5.5 V: when GPIO is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com