Electronic Components Datasheet Search
  English  ▼

X  

LA100-TP Datasheet(PDF) 2 Page - LEM

Part # LA100-TP
Description  Current Transducer LA 100-TP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA100-TP Datasheet(HTML) 2 Page - LEM

  LA100-TP Datasheet HTML 1Page - LEM LA100-TP Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Remarks
•I
S is positive when IP flows in the direction of the arrow.
•Temperature of the primary conductor should not exceed
100°C.
•This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
•General tolerance
± 0.2 mm
•Fastening & connection of primary
bus bar
6.4 x 1.6 mm
Recommended PCB hole
3.8 mm
•Fastening & connection of secondary
3 pins
0.6 x 0.7 mm
Recommended PCB hole
0.9 mm
Dimensions LA 100-TP (in mm. 1 mm = 0.0394 inch)
Bottom view
Front view
Left view
Secondary terminals
Terminal
+
: supply voltage + 12 .. 15 V
Terminal
-
: supply voltage - 12 .. 15 V
Terminal
M
: measure
Connection
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Standard 00
Year
Week
or N° SP..



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com