Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564LAE Datasheet(PDF) 72 Page - SPANSION

Part # MB9DF564LAE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564LAE Datasheet(HTML) 72 Page - SPANSION

Back Button MB9DF564LAE Datasheet HTML 68Page - SPANSION MB9DF564LAE Datasheet HTML 69Page - SPANSION MB9DF564LAE Datasheet HTML 70Page - SPANSION MB9DF564LAE Datasheet HTML 71Page - SPANSION MB9DF564LAE Datasheet HTML 72Page - SPANSION MB9DF564LAE Datasheet HTML 73Page - SPANSION MB9DF564LAE Datasheet HTML 74Page - SPANSION MB9DF564LAE Datasheet HTML 75Page - SPANSION MB9DF564LAE Datasheet HTML 76Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
71
CONFIDENTIAL
− Guaranteed operation range Internal operation clock frequency vs. Power supply voltage
Internal operation clock frequency FCD0_CLK(MHz)
200
4
2
3.7
5.5
4.5
1.3
1.1
Recommended guaranteed operation range:
Guaranteed operation range:
PLL guaranteed operation range:
1.09
Note: The CPU will be reset at the power supply voltage of the low-voltage detection setting voltage or less.
− Oscillation clock frequency vs. Internal operation clock frequency
Oscillation Clock
Frequency
Main Clock
PLL Multiplying
Setting
PLL Output Divider
Setting
PLL Clock
4 MHz
4 MHz
100
2
200 MHz
8 MHz
8 MHz
50
2
200 MHz
8 MHz
4 MHz
100
2
200 MHz
16 MHz
16 MHz
25
2
200 MHz
16 MHz
8 MHz
50
2
200 MHz
− Example of oscillation circuit
Note: when configuring the oscillator circuit, it is recommended to ask matching evaluation of the circuit to oscillator
manufacturers for the design.
X1
X0
R
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com