| Electronic Components Datasheet Search |
|
MB9DF564LGE Datasheet(PDF) 76 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9DF564LGE Datasheet(HTML) 76 Page - SPANSION |
|
76 / 109 page ![]() D at aS he e t May 15, 2015, MB9D560_DS708-00001-3v0-E 75 CONFIDENTIAL (5) Multi-Function Serial Interface (5-1) CSIO Timing (SMR:MD[2:0]=0b010) (5-1-1) Normal Synchronous Transfer (SCR:SPI=0) and Serial Clock Output Signal Detect Level "H" (SMR:SCINV=0) (TA: Recommended operating conditions, VCC=5.0V±0.5V, VDD=1.2V±0.1V, VSS=AVSS=RVSS=0.0V) Parameter Symbol Pin Name Conditions Value Unit Remarks Min Max Serial clock cycle time tSCYC SCK0 to SCK4 Master mode (CL=50pF, IOL=-2mA, IOH=2mA), (CL=20pF, IOL=-1mA, IOH=1mA) 4tCLK_PERI1 - ns SCK↓→SOT delay time tSLOVI SCK0 to SCK4, SOT0 to SOT4 -30 +30 ns Valid SIN→SCK↑ setup time tIVSHI SCK0 to SCK4, SIN0 to SIN4 30 - ns SCK↑→Valid SIN hold time tSHIXI 0 - ns Serial clock "H" pulse width tSHSL SCK0 to SCK4 Slave mode (CL=50pF, IOL=-2mA, IOH=2mA), (CL=20pF, IOL=-1mA, IOH=1mA) tCLK_PERI1+10 - ns Serial clock "L" pulse width tSLSH 2tCLK_PERI1-10 - ns SCK↓→SOT delay time tSLOVE SCK0 to SCK4, SOT0 to SOT4 - 30 ns Valid SIN→SCK↑ setup time tIVSHE SCK0 to SCK4, SIN0 to SIN4 10 - ns SCK↑→Valid SIN hold time tSHIXE 20 - ns SCK fall time tF SCK0 to SCK4 - 5 ns SCK rise time tR SCK0 to SCK4 - 5 ns Transfer speed - - CL=50pF, IOL=-2mA, IOH=2mA - 5 Mbps - - CL=20pF, IOL=-1mA, IOH=1mA - 6 Mbps Notes: − This is the AC characteristic in CLK synchronized mode. − CL is the load capacitance applied to pins during testing. − The maximum baud rate is limited by the internal operation clock used and other parameters. See Hardware Manual for details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |