Electronic Components Datasheet Search
  English  ▼

X  

MB91F587L Datasheet(PDF) 162 Page - SPANSION

Part # MB91F587L
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587L Datasheet(HTML) 162 Page - SPANSION

Back Button MB91F587L Datasheet HTML 158Page - SPANSION MB91F587L Datasheet HTML 159Page - SPANSION MB91F587L Datasheet HTML 160Page - SPANSION MB91F587L Datasheet HTML 161Page - SPANSION MB91F587L Datasheet HTML 162Page - SPANSION MB91F587L Datasheet HTML 163Page - SPANSION MB91F587L Datasheet HTML 164Page - SPANSION MB91F587L Datasheet HTML 165Page - SPANSION MB91F587L Datasheet HTML 166Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
159
CONFIDENTIAL
5. A/D Converter
(1) Electrical Characteristics
(TA: Recommended operating conditions, VCC =5.0V±10%, AVCC=5.0V±10%, VSS=AVSS=0.0V)
Parameter
Symbol Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
12
bit
Non linearity error
-
-
-4.0
-
+4.0
LSB
Differential linearity
error
-
-
-1.9
-
+1.9
LSB
Zero transition
voltage
VOT
AN0 to AN23
AVRL+
0.5LSB-20
-
AVRL+
0.5LSB+20
mV
1LSB=
(VFST-VOT)/
4094
Full-scale transition
voltage
VFST
AN0 to AN23
AVRH-
1.5LSB-20
-
AVRH-
1.5LSB+20
mV
Sampling time
tSMP
-
0.3
-
12
µs
*1
Compare time
tCMP
-
0.7
-
28
µs
*1
A/D conversion time
tCNV
-
1.0
-
40
µs
*1
Analog port input
current
IAIN
AN0 to AN23
-1.0
-
1.0
µA
VAVSS ≤
VAIN ≤ VAVCC
Analog input voltage
VAIN
AN0 to AN23
AVSS
-
AVRH
V
Reference voltage
AVRH
AVRH1,
AVRH2,
AVRH3
4.5
-
5.5
V
Avcc ≥AVRH
AVRL
AVRL1,
AVRL2,
AVRL3
-
0.0
-
V
Power supply current
IA
AVCC3
-
1.5
2.1
mA
3 units
operating
IAH
-
-
25
µA
3 units
operating *2
IR
AVRH1,
AVRH2,
AVRH3
-
3
6
mA
3 units
operating
IRH
-
-
4.8
µA
3 units
operating *2
Variation between
channels
-
AN0 to AN23
-
-
4
LSB
*1: Time for each channel.
*2: The power supply current (Vcc=AVcc=5.0V) is specified if the A/D converter is not operating and CPU is
stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com