Electronic Components Datasheet Search
  English  ▼

X  

MB91F587L Datasheet(PDF) 165 Page - SPANSION

Part # MB91F587L
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587L Datasheet(HTML) 165 Page - SPANSION

Back Button MB91F587L Datasheet HTML 161Page - SPANSION MB91F587L Datasheet HTML 162Page - SPANSION MB91F587L Datasheet HTML 163Page - SPANSION MB91F587L Datasheet HTML 164Page - SPANSION MB91F587L Datasheet HTML 165Page - SPANSION MB91F587L Datasheet HTML 166Page - SPANSION MB91F587L Datasheet HTML 167Page - SPANSION MB91F587L Datasheet HTML 168Page - SPANSION MB91F587L Datasheet HTML 169Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 177 page
background image
D at aS h ee t
162
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
7. Flash memory
(1) Electrical Characteristics
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
-
200
800
ms
8 Kbyte sector*1
excluding internal preprogramming
time
-
300
1100
ms
8 Kbyte sector*1
including internal preprogramming
time
-
400
2000
ms
64 Kbyte sector *1
excluding internal preprogramming
time
-
700
3700
ms
64 Kbyte sector *1
including internal preprogramming
time
8-bit writing time
-
9
288
µs
Excluding overhead time at system
level *1
16-bit writing time
-
12
384
µs
Excluding overhead time at system
level *1
ECC writing time
-
9
288
µs
Excluding overhead time at system
level *1
Erase cycle*2/
Data retention time
1,000 cycles/20 years,
10,000 cycles/10 years,
100,000 cycles/5 years
-
-
-
Average temperature TA=+85°C *3
*1: The guaranteed value for erase up to 100,000 cycles
*2: Number of erase cycles for each sector
*3: This value comes from the technology qualification (using Arrhenius equation to translate high temperature
measurements into normalized value at + 85°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com