Electronic Components Datasheet Search
  English  ▼

X  

ADC14061 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC14061
Description  Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14061 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC14061 Datasheet HTML 1Page - National Semiconductor (TI) ADC14061 Datasheet HTML 2Page - National Semiconductor (TI) ADC14061 Datasheet HTML 3Page - National Semiconductor (TI) ADC14061 Datasheet HTML 4Page - National Semiconductor (TI) ADC14061 Datasheet HTML 5Page - National Semiconductor (TI) ADC14061 Datasheet HTML 6Page - National Semiconductor (TI) ADC14061 Datasheet HTML 7Page - National Semiconductor (TI) ADC14061 Datasheet HTML 8Page - National Semiconductor (TI) ADC14061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Digital Power
20
V
D
Positive digital supply pin. This pin should be connected to the same clean,
quiet +5V source as is V
A and bypassed to DGND with a 0.1 µF monolithic
capacitor in parallel with a 10µF capacitor, both located within 1 cm of the
power pin.
12,13
14,19,
41,42,
43
DGND
The ground return for the digital supply. AGND and DGND should be
connected together directly beneath the ADC14061 package. See Section
5 (Layout and Grounding) for more details.
34
V
D I/O
Positive digital supply pin for the ADC14061’s output drivers. This pin
should be connected to a +3V to +5V source and bypassed to DGND I/O
with a 0.1 µF monolithic capacitor. If the supply for this pin is different from
the supply used for V
A and VD, it should also be bypassed with a 10 µF
capacitor. All bypass capacitors should be located within 1 cm of the
supply pin.
33
DGND I/O
The ground return for the digital supply for the ADC14061’s output drivers.
This pin should be connected to the system digital ground, but not be
connected in close proximity to the ADC14061’s DGND or AGND pins. See
Section 5.0 (Layout and Grounding) for more details.
NC
2, 3,
9, 15,
16,
21,
22, 39
NC
All pins marked NC (no connect) should be left floating. Do not connect the
NC pins to ground, power supplies, or any other potential or signal. These
pins are used for test in the manufacturing process.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com