Electronic Components Datasheet Search
  English  ▼

X  

MB91F587LA Datasheet(PDF) 118 Page - SPANSION

Part # MB91F587LA
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LA Datasheet(HTML) 118 Page - SPANSION

Back Button MB91F587LA Datasheet HTML 114Page - SPANSION MB91F587LA Datasheet HTML 115Page - SPANSION MB91F587LA Datasheet HTML 116Page - SPANSION MB91F587LA Datasheet HTML 117Page - SPANSION MB91F587LA Datasheet HTML 118Page - SPANSION MB91F587LA Datasheet HTML 119Page - SPANSION MB91F587LA Datasheet HTML 120Page - SPANSION MB91F587LA Datasheet HTML 121Page - SPANSION MB91F587LA Datasheet HTML 122Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
115
CONFIDENTIAL
*9: • Corresponding pins: General-purpose ports
•
Use the devices within recommended operating conditions.
•
Use the devices with direct voltage (current).
•
The + B signal should always be applied by connecting a limiting resistor between the + B signal and the
microcontroller.
•
The value of the limiting resistor should be set so that the current input to the microcontroller pin does not
exceed rated values at any time regardless of instantaneously or constantly when the + B signal is input.
•
Note that when the microcontroller drive current is low, such as in the low-power consumption modes, the
+ B input potential can increase the potential at the VCC pin via a protective diode, possibly affecting other
devices.
•
Note that if the + B signal is input when the microcontroller is off (not fixed at 0 V), since the power is
supplied through the pin, the microcontroller may operate incompletely.
•
Note that if the +B signal is input at power-on, since the power is supplied through the pin, the power-on
reset may not function in the power supply voltage.
•
Do not leave + B input pins open.
Sample recommended circuit
MB91580L series
+B input (12 to 16V)
Protective diode
Limiting resistor current
*10: To use this product at TA=125°C, equip this on a multilayer board with four or more layers.
To equip this on a single-layer board, change the operating conditions (operating frequency, power supply
voltage, etc) to use this at the power consumption PD=500mW or lower, or use this at TA=110°C or lower.
*11: When it is used exceeding TA=125°C, contact your sales representative.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage,
current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these
ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com