Electronic Components Datasheet Search
  English  ▼

X  

MB91F587LA Datasheet(PDF) 121 Page - SPANSION

Part # MB91F587LA
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LA Datasheet(HTML) 121 Page - SPANSION

Back Button MB91F587LA Datasheet HTML 117Page - SPANSION MB91F587LA Datasheet HTML 118Page - SPANSION MB91F587LA Datasheet HTML 119Page - SPANSION MB91F587LA Datasheet HTML 120Page - SPANSION MB91F587LA Datasheet HTML 121Page - SPANSION MB91F587LA Datasheet HTML 122Page - SPANSION MB91F587LA Datasheet HTML 123Page - SPANSION MB91F587LA Datasheet HTML 124Page - SPANSION MB91F587LA Datasheet HTML 125Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 177 page
background image
D at aS h ee t
118
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
(TA: Recommended operating conditions, Vcc=5.0V±10%, VSS= AVSS=0.0V)
Parameter Symbol
Pin name
Conditions
Value
Unit Remarks
Min
Typ
Max
"L" level
input voltage
VIL1
P000 to P002,
P011 to P017,
P020 to P027,
P030 to P037,
P040 to P042,
P043 to P047*,
P050 to P057*,
P060 to P067,
P070 to P077,
P080 to P087,
P090 to P097,
P100 to P107,
P110 to P117,
P120 to P127,
P130 to P134,
P136 to P137
When CMOS
schmitt input
level is
selected
Vss-0.3
-
0.3 × VCC
V
VIL2
P000 to P007,
P010 to P017,
P020 to P027,
P030 to P037,
P040 to P042,
P043 to P047*,
P050 to P057*,
P060 to P067,
P070 to P077,
P080 to P087,
P090 to P097,
P100 to P107,
P110 to P117,
P120 to P127,
P130 to P134,
P136 to P137
When
Automotive
input level is
selected
Vss-0.3
-
0.5 × VCC
V
VIL3
P003 to P007,
P010
When
FlexRay input
level is
selected
Vss-0.3
-
0.3
× VCC
V
VIL4
RSTX, NMIX
-
Vss-0.3
-
0.3 × VCC
V
VIL5
MD0, MD1
-
Vss-0.3
-
0.3 × VCC
V
VIL6
DEBUGIF
-
Vss-0.3
-
0.8
V
*: Only available with MB91F585LB/F586LB/F587LB, MB91F585LD/F586LD/F587LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com