Electronic Components Datasheet Search
  English  ▼

X  

MB91F587LA Datasheet(PDF) 125 Page - SPANSION

Part # MB91F587LA
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LA Datasheet(HTML) 125 Page - SPANSION

Back Button MB91F587LA Datasheet HTML 121Page - SPANSION MB91F587LA Datasheet HTML 122Page - SPANSION MB91F587LA Datasheet HTML 123Page - SPANSION MB91F587LA Datasheet HTML 124Page - SPANSION MB91F587LA Datasheet HTML 125Page - SPANSION MB91F587LA Datasheet HTML 126Page - SPANSION MB91F587LA Datasheet HTML 127Page - SPANSION MB91F587LA Datasheet HTML 128Page - SPANSION MB91F587LA Datasheet HTML 129Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 177 page
background image
D at aS h ee t
122
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
(TA: Recommended operating conditions, Vcc=5.0V±10%, VSS= AVSS=0.0V)
Parameter Symbol Pin
name Conditions
Value
Unit
Remarks
Min Typ Max
Power supply
current
ICC
VCC5
Normal
operations
FCP=128MHz,
FCPP=32MHz
-
85
110
mA
*1, *3
RDC=OFF, FlexRay =ON
-
82
105
mA
*1, *3
RDC=ON, FlexRay =OFF
-
85
110
mA
*2, *4
FlexRay =ON
-
79
104
mA
*2, *4
FlexRay =OFF
Normal
operations
FCP=80MHz,
FCPP=40MHz
-
69
91
mA
*1, *3
RDC=OFF, FlexRay =ON
-
67
89
mA
*1, *3
RDC=ON, FlexRay =OFF
-
69
91
mA
*2, *4
FlexRay =ON
-
64
87
mA
*2, *4
FlexRay =OFF
Flash write
FCP=128MHz,
FCPP=32MHz
-
100
125
mA
*1, *3, *5
-
100
125
mA
*2, *4, *5
Flash erase
FCP=128MHz,
FCPP=32MHz
-
100
125
mA
*1, *3, *5
-
100
125
mA
*2, *4, *5
*1: MB91F585LA/F586LA/F587LA
*2: MB91F585LB/F586LB/F587LB
*3: MB91F585LC/F586LC/F587LC
*4: MB91F585LD/F586LD/F587LD
*5: This series has 2 types of flash; main flash and WorkFlash; however, this is the specification when only one
of those is written/erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com