Electronic Components Datasheet Search
  English  ▼

X  

MB2S Datasheet(PDF) 1 Page - Suntan Capacitors

Part # MB2S
Description  Ideal for printed circuit board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

MB2S Datasheet(HTML) 1 Page - Suntan Capacitors

  MB2S Datasheet HTML 1Page - Suntan Capacitors MB2S Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
MB2S THRU MB10S
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 200 to 1000 Volts
Current 0.8 Amperes
F E A T U R E S
◆
Ideal for printed circuit board
◆
Reliable low cost construction technique
results in inexpensive product
◆
High temperature soldering guaranteed:
260℃ / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
◆
UL Recognized File number: E347215
Mechanical Data
◆
Case: Molded plastic
◆
Lead: solder plated
◆
Polarity: As marked
MBS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.For capacitive load, derate current by 20%
Type Number
MB2S
MB4S
MB6S
MB8S
MB10S
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
On glass-epoxy P.C.B.
On aluminum substrate
I(AV)
0.5
0.8
A
Peak Forward Surge Current,
8.3ms Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
35
A
Maximum Instantaneous Forward Voltage at 0.4A
VF
1.0
V
Maximum DC Reverse Current @ TA=25℃
Rated DC Blocking voltage per leg TA=125℃
IR
5.0
500
μA
Typical Thermal Resistance (Note1)
(Note2)
RθJA
RθJL
70
20
℃
/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Note:
1.On aluminum suvstrate P.C.B. with an area of 0.8×0.8”(20×20mm) mounted on 0.05×0.05”(1.3×1.3mm) solder pad.
2. On glass epoxy P.C.B. mouted on 0.05×0.05”(1.3×1.3mm) pads.


Similar Part No. - MB2S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB2S FAIRCHILD-MB2S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB2S GE-MB2S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2S MCC-MB2S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MB2S BILIN-MB2S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - MB2S

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
Ideal for printed circuit board
GBJ806F HY-GBJ806F Datasheet
47Kb / 2P
Ideal for printed circuit board
GBJ1006F HY-GBJ1006F Datasheet
46Kb / 2P
Ideal for printed circuit board
GBJ2006F HY-GBJ2006F Datasheet
49Kb / 2P
Ideal for printed circuit board
GBU406L HY-GBU406L Datasheet
50Kb / 2P
Ideal for printed circuit board
GBU606F HY-GBU606F Datasheet
47Kb / 2P
Ideal for printed circuit board
logo
GeneSiC Semiconductor, ...
DB107G GENESIC-DB107G Datasheet
311Kb / 3P
Ideal for printed circuit board
logo
Suntan Capacitors
BR25005 SUNTAN-BR25005 Datasheet
609Kb / 2P
Ideal for printed circuit board
KBPC35005W SUNTAN-KBPC35005W Datasheet
505Kb / 2P
Ideal for printed circuit board
KBU6005 SUNTAN-KBU6005 Datasheet
347Kb / 2P
Ideal for printed circuit board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com