Electronic Components Datasheet Search
  English  ▼

X  

RS407 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # RS407
Description  SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

RS407 Datasheet(HTML) 1 Page - Nanjing International Group Co

  RS407 Datasheet HTML 1Page - Nanjing International Group Co RS407 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at
2.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
RS401
RS402
RS403
RS404
RS405
RS406
RS407
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
4.0
200
10
500
-65
+150
-65
+1
50
V
A
A
V
uA
uA
C
C
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Weight: 4.8 grams
RS401 THRU RS407
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
4.0 Ampere
RS-4
.640(16.3)
.600(15.2)
.580(14.7)
.540(13.7)
.256(6.5)
.236(6.0)
.052(1.3)
.048(1.2)
.220(5.6)
.180(4.6)
.768(19.5)
.728(18.5)
.
630
(1
6.0)
.083
(2.1)
MIN.
DIA.
SPACING
* Low leakage current
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - RS407

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RS407 LRC-RS407 Datasheet
50Kb / 2P
4.0A BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
RS407 BILIN-RS407 Datasheet
94Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
RS407 MIC-RS407 Datasheet
105Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
RS407 SEMTECH_ELEC-RS407 Datasheet
240Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Mospec Semiconductor
RS407 MOSPEC-RS407 Datasheet
193Kb / 2P
High forward surge current capability
More results

Similar Description - RS407

ManufacturerPart #DatasheetDescription
logo
Bytes
RS401L BYTES-RS401L Datasheet
146Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401M BYTES-RS401M Datasheet
148Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS401L FORMOSA-RS401L Datasheet
30Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
KBJ401 UNIOHM-KBJ401 Datasheet
66Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401L UNIOHM-RS401L Datasheet
61Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBJ401 YFWDIODE-GBJ401 Datasheet
252Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL401 DGNJDZ-GBL401 Datasheet
620Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBL410 DGNJDZ-KBL410 Datasheet
229Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
T4BU10 DGNJDZ-T4BU10 Datasheet
293Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBL4005 BYTESONIC-GBL4005 Datasheet
339Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
Version 1.3 2016/2/8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com