Electronic Components Datasheet Search
  English  ▼

X  

STZ8042 Datasheet(PDF) 1 Page - Solid State Optronic

Part # STZ8042
Description  High Isolation Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

STZ8042 Datasheet(HTML) 1 Page - Solid State Optronic

  STZ8042 Datasheet HTML 1Page - Solid State Optronic STZ8042 Datasheet HTML 2Page - Solid State Optronic STZ8042 Datasheet HTML 3Page - Solid State Optronic STZ8042 Datasheet HTML 4Page - Solid State Optronic STZ8042 Datasheet HTML 5Page - Solid State Optronic STZ8042 Datasheet HTML 6Page - Solid State Optronic STZ8042 Datasheet HTML 7Page - Solid State Optronic STZ8042 Datasheet HTML 8Page - Solid State Optronic STZ8042 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2016 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4400
STZ8042 H/S/TR
Rev 2.00 (02/29/2016)
003109
Page 1 of 9
STZ8042
Zero Cross
400V / 0.8A
AC Solid State Relay
Description
The STZ8042 is a bi-directional, single-pole, single-throw,
normally open multipurpose relay. The device consists of
an IR LED optically coupled to a zero cross switching AC
output structure. It has a high blocking voltage (400V) and
can handle continuous load currents of up to 0.8ARMS. The
STZ8042 assures no false triggering under adverse
conditions.
The STZ8042 comes standard in a compact 8 pin DIP
package.
The package construction makes it ideal for
high-density board applications.
Schematic Diagram
Agency Approvals
UL / C-UL:
File # E201932
Applications
Valve Control
Meter Reading Systems
Heating Elements
Home Appliances
Solenoid / Motor Control
Dimmer Control
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
STZ8042
8 pin DIP, (50/Tube)
STZ8042-H
5kVRMS Viso, 8 pin DIP, (50/Tube)
STZ8042-S
8 pin SMD, (50/Tube)
STZ8042-HS
5kVRMS, 8 pin SMD, (50/Tube)
STZ8042-STR
8 pin SMD, Tape and Reel (1000/Reel)
STZ8042-HSTR
5kVRMS, 8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
High Blocking Voltage (400V)
0.8ARMS Continuous Load Current
Zero Cross Switching
Low Control Current (<10mA)
High Isolation Voltage (up to 5kVRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
4
2
3
1
5
6
8
Do Not
Connect
+ LED
- LED
Do Not
Connect
MT2
MT1
Gate
STZ8042


Similar Part No. - STZ8042

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
STZ8042 SOLIDSTATE-STZ8042 Datasheet
416Kb / 9P
High Blocking Voltage (400V)
More results

Similar Description - STZ8042

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Solid State Optronic
AD6C211-L SSOUSA-AD6C211-L_15 Datasheet
309Kb / 9P
High Isolation Voltage (3750VRMS)
TD3082 SSOUSA-TD3082 Datasheet
436Kb / 9P
High Isolation Voltage
logo
Micross Components
MYXDB0650-10CEN MICROSS-MYXDB0650-10CEN Datasheet
319Kb / 3P
High voltage 650V isolation
logo
Analog Technologies, In...
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KN ANALOGTECHNOLOGIES-AT202KN Datasheet
275Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
High Voltage Isolation Amplifier
7/5/2021
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com