Electronic Components Datasheet Search
  English  ▼

X  

STZ8062 Datasheet(PDF) 1 Page - Solid State Optronic

Part # STZ8062
Description  High Blocking Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

STZ8062 Datasheet(HTML) 1 Page - Solid State Optronic

  STZ8062 Datasheet HTML 1Page - Solid State Optronic STZ8062 Datasheet HTML 2Page - Solid State Optronic STZ8062 Datasheet HTML 3Page - Solid State Optronic STZ8062 Datasheet HTML 4Page - Solid State Optronic STZ8062 Datasheet HTML 5Page - Solid State Optronic STZ8062 Datasheet HTML 6Page - Solid State Optronic STZ8062 Datasheet HTML 7Page - Solid State Optronic STZ8062 Datasheet HTML 8Page - Solid State Optronic STZ8062 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2016 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
STZ8062 H/S/TR
Rev 2.00 (02/29/2016)
003108
Page 1 of 9
STZ8062
Zero Cross
600V / 0.8A
AC Solid State Relay
Description
The STZ8062 is a bi-directional, single-pole, single-throw,
normally open multipurpose relay. The device consists of
an IR LED optically coupled to a zero cross switching AC
output structure. It has a high blocking voltage (600V) and
can handle continuous load currents of up to 0.8ARMS. The
STZ8062 assures no false triggering under adverse
conditions.
The STZ8062 comes standard in a compact 8 pin DIP
package.
The package construction makes it ideal for
high-density board applications.
Schematic Diagram
Agency Approvals
UL / C-UL:
File # E201932
Applications
Valve Control
Meter Reading Systems
Heating Elements
Home Appliances
Solenoid / Motor Control
Dimmer Control
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
STZ8062
8 pin DIP, (50/Tube)
STZ8062-H
5kVRMS Viso, 8 pin DIP, (50/Tube)
STZ8062-S
8 pin SMD, (50/Tube)
STZ8062-HS
5kVRMS, 8 pin SMD, (50/Tube)
STZ8062-STR
8 pin SMD, Tape and Reel (1000/Reel)
STZ8062-HSTR
5kVRMS, 8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
High Blocking Voltage (600V)
0.8ARMS Continuous Load Current
Zero Cross Switching
Low Control Current (<10mA)
High Isolation Voltage (up to 5kVRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
4
2
3
1
5
6
8
Do Not
Connect
+ LED
- LED
Do Not
Connect
MT2
MT1
Gate
STZ8062


Similar Part No. - STZ8062

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
STZ8062 SEMTECH_ELEC-STZ8062 Datasheet
301Kb / 5P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
STZ8062 HTSEMI-STZ8062 Datasheet
595Kb / 5P
Silicon Planar Zener Diodes
logo
Solid State Inc
STZ8062 SOLIDSTATE-STZ8062 Datasheet
415Kb / 9P
High Blocking Voltage (600V)
logo
SEMTECH ELECTRONICS LTD...
STZ8062A SEMTECH_ELEC-STZ8062A Datasheet
301Kb / 5P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
STZ8062A HTSEMI-STZ8062A Datasheet
595Kb / 5P
Silicon Planar Zener Diodes
More results

Similar Description - STZ8062

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
High blocking voltage capability
Rev. 5-23 March 2011
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
High blocking voltage capability
26 September 2013
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
High Blocking Voltage (600V)
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
High Blocking Voltage (600V)
AD4C201 SSOUSA-AD4C201 Datasheet
298Kb / 8P
High Blocking Voltage (600V)
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
High Blocking Voltage (1200V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
High Blocking Voltage (800V)
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
High Blocking Voltage (600V)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
High Blocking Voltage (600V)
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
High Blocking Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com