Electronic Components Datasheet Search
  English  ▼

X  

STZ8083 Datasheet(PDF) 1 Page - Solid State Optronic

Part # STZ8083
Description  Zero Cross Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

STZ8083 Datasheet(HTML) 1 Page - Solid State Optronic

  STZ8083 Datasheet HTML 1Page - Solid State Optronic STZ8083 Datasheet HTML 2Page - Solid State Optronic STZ8083 Datasheet HTML 3Page - Solid State Optronic STZ8083 Datasheet HTML 4Page - Solid State Optronic STZ8083 Datasheet HTML 5Page - Solid State Optronic STZ8083 Datasheet HTML 6Page - Solid State Optronic STZ8083 Datasheet HTML 7Page - Solid State Optronic STZ8083 Datasheet HTML 8Page - Solid State Optronic STZ8083 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2014 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
STZ8083 H/S/TR
Rev 2.00 (06/12/2014)
002109
Page 1 of 9
STZ8083
Zero Cross
800V / 1.2A
AC Solid State Relay
Description
The STZ8083 is a bi-directional, single-pole, single-throw,
normally open multipurpose relay. The device consists of
an IR LED optically coupled to a zero cross switching AC
output structure. It has a high blocking voltage (800V) and
can handle continuous load currents of up to 1.2ARMS. The
STZ8083 assures no false triggering under adverse
conditions.
The STZ8083 comes standard in a compact 8 pin DIP
package.
The package construction makes it ideal for
high-density board applications.
Schematic Diagram
Agency Approvals
UL / C-UL:
File # E201932
Applications
Valve Control
Meter Reading Systems
Heating Elements
Home Appliances
Solenoid / Motor Control
Dimmer Control
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
STZ8083
8 pin DIP, (50/Tube)
STZ8083-H
5kVRMS Viso, 8 pin DIP, (50/Tube)
STZ8083-S
8 pin SMD, (50/Tube)
STZ8083-HS
5kVRMS, 8 pin SMD, (50/Tube)
STZ8083-STR
8 pin SMD, Tape and Reel (1000/Reel)
STZ8083-HSTR
5kVRMS, 8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
High Blocking Voltage (800V)
1.2ARMS Continuous Load Current
Zero Cross Switching
Low Control Current (<10mA)
High Isolation Voltage (up to 5kVRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
4
2
3
1
5
6
8
Do Not
Connect
+ LED
-LED
Do Not
Connect
MT2
MT1
Gate
STZ8083


Similar Part No. - STZ8083

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
STZ8083 SOLIDSTATE-STZ8083 Datasheet
417Kb / 9P
High Blocking Voltage (800V)
More results

Similar Description - STZ8083

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S108 SSOUSA-S108 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
Zero-Volt Cross Switching
STZ8043 SSOUSA-STZ8043 Datasheet
399Kb / 9P
Zero Cross Switching
STZ8063 SSOUSA-STZ8063 Datasheet
399Kb / 9P
Zero Cross Switching
logo
IXYS Corporation
CPC1964G IXYS-CPC1964G Datasheet
119Kb / 6P
Zero-Cross Switching
logo
American Electronic Com...
HHG1C AEC-HHG1C Datasheet
298Kb / 2P
Zero cross-over switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com