Electronic Components Datasheet Search
  English  ▼

X  

SES5VT236H Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SES5VT236H
Description  Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SES5VT236H Datasheet(HTML) 2 Page - Nanjing International Group Co

  SES5VT236H Datasheet HTML 1Page - Nanjing International Group Co SES5VT236H Datasheet HTML 2Page - Nanjing International Group Co SES5VT236H Datasheet HTML 3Page - Nanjing International Group Co SES5VT236H Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Transient Voltage Suppressor
Electrical Parameter
Parameter
Symbol
Clamping Voltage @ IPP
VC
Peak Pulse Current
IPP
Breakdown Voltage @ IT
VBR
Test Current
IT
Reverse Leakage Current @ VRWM
IR
Reverse Standoff Voltage
VRWM
Forward Voltage@ IF
VF
Forward Current
IF
Electrical Characteristics(Ta=25
unless otherwise specified
)
Parameter
Symbol
Test Condition
Value
Unit
Min
Typ.
Max
Reverse standoff voltage
VRWM
Pin5 to pin2 T=25°C
5
V
Breakdown voltage
VBR
IT=1mA, Pin 5 to pin2
6
V
Reverse leakage current
IR
VRWM=5V, T=25°C Pin 5 to pin2
5
A
Clamping voltage
VC
IPP=14A, tP=8/20 s I/O pin to GND
12.5
V
Forward voltage
VF
IT=10mA
0.8
1
V
Junction capacitance
CJ
VR=0V,f=1MHz, I/O to GND
3
pF
VR=0V,f=1MHz, I/O to I/O
1.4
Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com