Electronic Components Datasheet Search
  English  ▼

X  

T4BU09 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # T4BU09
Description  SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

T4BU09 Datasheet(HTML) 2 Page - Nanjing International Group Co

  T4BU09 Datasheet HTML 1Page - Nanjing International Group Co T4BU09 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T4BU0
T4BU10
AND CHARACTERISTIC CURVES (
RATING
1 THRU
)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1.0
2.0
3.0
4.0
5.0
6.0
100
50
150
250
200
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
CASE TEMPERATURE ( C)
DERATING CURVE
FIG.3-TYPICAL FORWARD CHARACTERISTICS
0
25
50
75
100 125
150
175
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
Single Half
Sine Wave
JEDEC method
WITH HEATSINK
WITHOUT HEATSINK
0.1
1.0
10
1000
FIG.5-TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
1.0
4.0
10.0
100
1.0
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10
100
TJ=25C
TJ=50C
TJ=100C
TJ=125C
PERCENT OF RATED PEAK REVERSE VOLTAGE,(
)
INSTANTANEOUS FOEWARD VOLTAGE ,VOLTS
TJ=25 C,F=1MHz
REVERSE VOLTAGE,VOLTS
80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com