Electronic Components Datasheet Search
  English  ▼

X  

ADC16061 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16061
Description  Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16061 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC16061 Datasheet HTML 4Page - National Semiconductor (TI) ADC16061 Datasheet HTML 5Page - National Semiconductor (TI) ADC16061 Datasheet HTML 6Page - National Semiconductor (TI) ADC16061 Datasheet HTML 7Page - National Semiconductor (TI) ADC16061 Datasheet HTML 8Page - National Semiconductor (TI) ADC16061 Datasheet HTML 9Page - National Semiconductor (TI) ADC16061 Datasheet HTML 10Page - National Semiconductor (TI) ADC16061 Datasheet HTML 11Page - National Semiconductor (TI) ADC16061 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AC Electrical Characteristics (Continued)
The following specifications apply for AGND = DGND = DGND I/O = 0V, V
+ = V
A = VD = +5.0V, VD I/O = 3.0V or 5.0V,
PD = +5V, V
REF+ = +2.0V, VREF IN = AGND, fCLK = 2.5 MHz, RS = 25Ω,CL = 50 pF/pin. After Auto-Cal. Boldface limits
apply for T
A = TJ = TMIN to TMAX: all other limits TA = TJ = 25˚C(Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
(Limits)
t
OD
Falling edge of CLK to Data
Valid
50
ns
t
EOCL
Falling edge of CLK to falling
edge of EOC
1/(4f
CLK)
90
130
ns(min)
ns(max)
t
DATA_VALID
Falling edge of CLOCK to Data
Valid
1/(8f
CLK)
38
95
ns(min)
ns(max)
t
AD
Aperture Delay
9
ns
t
ON
RD low to data valid on D00
-D15
23
33
ns(max)
t
OFF
RD high to D00 -D15 in
TRI-STATE
25
33
ns(max)
t
CAL
Calibration Time
110
ms
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed speci-
fications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
Note 2: All voltages are measured with respect to GND = AGND = DGND I/O = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND or VIN > VA or VD), the current at that pin should be limited to 25 mA.
The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 25 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX=(TJmax - TA)/θJA. In the 52-pin
TQFP,
θJA is 70˚C/W, so PDMAX = 1,785 mW at 25˚C and 1,142 mW at the maximum operating ambient temperature of 70˚C. Note that the power dissipation of this
device under normal operation will typically be about 416 mW (390 mW quiescent power + 26 mW due to 1 TTL load on each digital output. The values for maximum
power dissipation listed above will be reached only when the ADC16061 is operated in a severe fault condition (e.g. when input or output pins are driven beyond the
power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5k
Ω resistor. Machine model is 220 pF discharged through ZERO Ω.
Note 6: See AN450,
″Surface Mounting Methods and Their Effect on Product Reliability″, or the section entitled ″Surface Mount″ found in any post 1986 National
Semiconductor Linear Data Book, for other methods of soldering surface mount devices.
Note 7: The inputs are protected as shown below. Input voltages above VA or below GND will not damage this device, provided current is limited per Note 3. How-
ever, errors in the A/D conversion can occur if the input goes above VA or below GND by more than 100 mV. As an example, if VA is 4.75 VDC, the full-scale input
voltage must be
≤4.85VDC to ensure accurate conversions
Note 8: To guarantee accuracy, it is required that VA and VD be connected together and to the same power supply with separate bypass capacitors at each V
+ pin.
Note 9: With the test condition for VREF = (VREF+)−(VREF−) given as +2.0V, the 16-bit LSB is 30 µV.
Note 10: Typical figures are at TA = TJ = 25˚C, and represent most likely parametric norms.
Note 11: Tested limits are guaranteed to Nationsl’s AOQL (Average Outgoing Quality Level) with 50% duty cycle clock.
Note 12: Integral Non Linearity is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through positive full-scale and
negative full-scale.
Note 13: Timing specifications are tested at the TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge. TRI-STATE output voltage is forced
to 1.4V.
Note 14: Optimum SNR performance will be obtained by keeping the reference voltage in the 1.8V to 2.2V range. The LM4041CIM3-ADJ (SOT-23 package), or the
LM4041CIZ-ADJ (TO-92 package), bandgap voltage reference is recommended for this application.
DS100889-11
ESD Protection Scheme for Digital Input pins
DS100889-12
ESD Protection Scheme for Analog Input and Digital
Output pins
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com