Electronic Components Datasheet Search
  English  ▼

X  

1N5347B Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 1N5347B
Description  5 W Glass Passivated Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

1N5347B Datasheet(HTML) 3 Page - Nanjing International Group Co

  1N5347B Datasheet HTML 1Page - Nanjing International Group Co 1N5347B Datasheet HTML 2Page - Nanjing International Group Co 1N5347B Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
6
5
4
3
2
1
0
0
Tamb, ambient temperature (°C)
30
20
10
0
I, lead lenght (mm.)
Characteristic Curves
1N53...B
I
I
50
100
150 175
10
20
30
35
25
75
125
MAXIMUM CONTINUOUS POWER DISSIPATION
THERMAL RESISTANCE
0
10 mm. - 10 mm.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com