Electronic Components Datasheet Search
  English  ▼

X  

2SA733 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 2SA733
Description  PNP Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SA733 Datasheet(HTML) 3 Page - Nanjing International Group Co

  2SA733 Datasheet HTML 1Page - Nanjing International Group Co 2SA733 Datasheet HTML 2Page - Nanjing International Group Co 2SA733 Datasheet HTML 3Page - Nanjing International Group Co 2SA733 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA733
I C, mA
-0.1
10
-1
-10
-100
10
-0.1
-1
I C, mA
-10
-100
hFE - I C
100
1000
hFE - I C
-1V
VCE=-6V
Ta=75 C
25 C
100
-25 C
0 C
50 C
1000
VCE=-6V
-0.6
-0.1
-0.4
-0.5
-25 C
-1
-0.9
-0.7
VBE,V
-0.8
-1
Ta=75 C
25 C
0 C
-10
50 C
-200
-100
I C - VBE
VCE=-6V
-0.2
Collector current vs.
collector emitter voltage
-80
0
0
-20
-60
-40
-100
-8
-1.0
I B=-0.2mA
-0.6
-0.4
VCE, V
-0.8
-2
0
0
-0.6
-0.8
-0.4
-6
-4
-1.6
-2.0 -1.8
-1.0
-1.4
-1.2
-10
-35
-40
-40
-20
VCE, V
-10
-10
-30
IB=-5 A
-20
-25
-30
-15
-50
Collector current vs.
collector emitter voltage
-45
0
25
125
Tamb ( C)
50
75
100
150
Total power dissipation
vs. ambient temperature
250
50
100
200
150
300
Free air



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com