Electronic Components Datasheet Search
  English  ▼

X  

2SC1766 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SC1766
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC1766 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SC1766 Datasheet HTML 1Page - Nanjing International Group Co 2SC1766 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
SOT-89-3L Plastic-Encapsulate Transistors
2SC1766
TRANSISTOR (NPN)
FEATURES
Small Flat Package
High Speed Switching Time
Low Collector-emitter saturation voltage
APPLICATIONS
Power Amplifier
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
5
V
Collector cut-off current
ICBO
VCB=50V,IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
µA
hFE(1)
VCE=2V, IC=0.5A
DC current gain
hFE(2)*
VCE=2V, IC=2A
20
Collector-emitter saturation voltage
VCE(sat)
IC=1A,IB=50mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=1A,IB=50mA
1.2
V
Transition frequency
fT
VCE=2V,IC=0.5A,f=100MHz
120
MHz
CLASSIFICATION OF hFE(1)
RANK
P
Q
Y
RANGE
82
180
120
270
180
390
MARKING
P1766
Q1766
Y1766
*Pulse test: pulse width 300 s, duty cycle 2.0%.
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
2
A
PC
Collector Power Dissipation
500
mW
R JA
Thermal Resistance From Junction To Ambient
250
/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - 2SC1766

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
2SC1766 HTSEMI-2SC1766 Datasheet
378Kb / 1P
TRANSISTOR(NPN)
logo
WILLAS ELECTRONIC CORP
2SC1766 WILLAS-2SC1766 Datasheet
362Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
logo
GUANGDONG HOTTECH INDUS...
2SC1766 HOTTECH-2SC1766 Datasheet
171Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC1766 BILIN-2SC1766 Datasheet
160Kb / 3P
NPN Epitaxial Transistor
Rev.A
logo
Jiangsu Changjiang Elec...
2SC1766 JIANGSU-2SC1766 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results

Similar Description - 2SC1766

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
SOT-89-3L Plastic-Encapsulate Transistors
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
D882 DGNJDZ-D882_V01 Datasheet
541Kb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
PXT2222A DGNJDZ-PXT2222A_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com