Electronic Components Datasheet Search
  English  ▼

X  

DB3 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # DB3
Description  Bidirectional Si-Trigger-Diodes (DIAC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DB3 Datasheet(HTML) 1 Page - Diotec Semiconductor

  DB3 Datasheet HTML 1Page - Diotec Semiconductor DB3 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
420
01.10.2002
DB 3, DB 4
Bidirectional Si-Trigger-Diodes (DIAC)
Bidirektionale Si-Trigger-Dioden (DIAC)
Breakover voltage
28 ... 45 V
Durchbruchsspannung
Peak pulse current
± 2 A
Max. Triggerimpuls
Glass case
DO-35
Glasgehäuse
SOD-27
Weight approx.
0.13 g
Gewicht ca.
Dimensions / Maße in mm
Standard packaging taped in ammo pack
see page 16
Standard Lieferform gegurtet in Ammo-Pack
siehe Seite 16
Maximum ratings
Grenzwerte
Power dissipation – Verlustleistung
T
A = 50 /CPtot
150 mW 1)
Peak pulse current (120 pulse repetition rate)
t
P # 10 :sIPM
± 2 A 1)
Max. Triggerstrom (120 Impulse)
Operating junction temperature – Sperrschichttemperatur
T
j
– 40…+100
/C
Storage temperature – Lagerungstemperatur
T
S
– 40…+150
/C
Characteristics
Kennwerte
Breakover voltage
dV/dt = 10V/:sDB 3
V
BO
28 ... 36 V
Durchbruchspannung
DB 4
V
BO
35 ... 45 V
Breakover current – Durchbruchstrom
V = 98 % V
BO
I
BO
< 200 :A
Asymmetry of breakover voltage
*V(BO)F - V(BO)R*
)VBO
< 3.8 V
Unsymmetrie der Durchbruchspannug
Foldback voltage – Spannungs-Rücksprung
dV/dt = 10V/:s
)VF/R
> 5 V
)I = IBO to/auf IF = 10 mA
Thermal resistance junction to ambient air
R
thA
< 60 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BR100-03 DIOTEC-BR100-03 Datasheet
90Kb / 2P
Bidirectional Si-Trigger-Diodes
DB3 DIOTEC-DB3_07 Datasheet
89Kb / 2P
Bidirectional Si-Trigger-Diodes
logo
List of Unclassifed Man...
DB3A ETC2-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B ETC2-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
logo
TAITRON Components Inco...
DB3A TAITRON-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
logo
Littelfuse
HT32 LITTELFUSE-HT32 Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
HT32A LITTELFUSE-HT32A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
logo
Diotec Semiconductor
BR10003LLD DIOTEC-BR10003LLD Datasheet
98Kb / 2P
Surface Mount Bidirectional Si-Trigger-Diodes (DIAC)
BR10003LLD DIOTEC-BR10003LLD_13 Datasheet
98Kb / 2P
Surface Mount Bidirectional Si-Trigger-Diodes (DIAC)
logo
DIOTEC Electronics Corp...
BR1003DO41 DEC-BR1003DO41 Datasheet
243Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com