Electronic Components Datasheet Search
  English  ▼

X  

2SD966 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 2SD966
Description  NPN Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD966 Datasheet(HTML) 3 Page - Nanjing International Group Co

  2SD966 Datasheet HTML 1Page - Nanjing International Group Co 2SD966 Datasheet HTML 2Page - Nanjing International Group Co 2SD966 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pc-Ta
I C-VCE
1.2
1.0
0.8
0.6
0.4
0.2
0
020 40 60 80 100 120 140 160
Ambient temperature Ta ( C)
o
2.4
0.4
0.8
0
1.2
1.6
2.0
2.0 2.4
1.6
1.2
0.8
0.4
0
Collector to emitter voltage VCE (V)
I C-VBE
6
5
4
3
2
1
0
Base to emitter voltage VBE (V)
2.0
1.6
1.2
0.8
0.4
0
0.03
0.1
0.3
1
3
10
VCE(sat)-IC
0.001
Collector current Ic (A)
13
0.3
0.1
0.03
0.01
10
0.01
0.003
h FE-IC
600
200
300
400
500
100
0
Collector current Ic (A)
0.1
0.03
0.01
0.3
1
3
10
fT-IE
Emitter current I E (A)
-0.01 -0.03 -0.1 -0.3
-1
-3
-10
350
0
150
200
250
300
400
100
50
Cob-VCB
80
0
20
40
60
100
Collector to base voltge VCB (V)
1
3
10
30
100
Ta=25 C
I B=7mA
6mA
5mA
4mA
3mA
2mA
o
1mA
o
25 C
VCE=2V
Ta=75 C
o
-25 C
o
25 C
o
o
Ta=75 C
o
-25 C
I C/IB=30
VCE=2V
o
25 C
o
Ta=75 C
o
-25 C
I E=0
f=1MHz
Ta=25 C
o
VCB=6V
Ta=25 C
o
2SD966



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com