Electronic Components Datasheet Search
  English  ▼

X  

ADCV0831 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCV0831
Description  8 Bit Serial I/O Low Voltage Low Power ADC with Auto Shutdown in a SOT Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCV0831 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADCV0831 Datasheet HTML 1Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 2Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 3Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 4Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 5Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 6Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 7Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 8Page - National Semiconductor (TI) ADCV0831 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AC Electrical Characteristics (Continued)
The following specifications apply for V
CC =+3 VDC, and tr =t f = 20 ns unless otherwise specified. Boldface limits apply for
T
A =TJ =T MIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
C
IN
Capacitance of Logic Inputs
5
pF
C
OUT
Capacitance of Logic Outputs
5
pF
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional. These ratings do not guarantee specific performance limits. For guaranteed speci-
fications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance character-
istics may degrade when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to GND = 0 VDC, unless otherwise specified.
Note 4: When the input voltage VIN at any pin exceeds the power supplies (VIN <GND or VIN > VCC) the current at that pin should be limited to 5 mA. The 20 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four pins.
Note 5: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature, T A. The maximum
allowable power dissipation at any temperature is P D =(TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
Note 6: Human body model, 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Note 7: See AN450 “Surface Mounting Methods and Their Effect on Product Reliability” or Linear Data Book section “Surface Mount” for other methods of soldering
surface mount devices.
Note 8: Typicals are at TJ = 25˚C and represent the most likely parametric norm.
Note 9: Guaranteed to National’s AOQL (Average Outgoing Quality Level).
Typical Performance Characteristics
The following specifications apply for V
CC = 3V, unless otherwise specified
Integral Linearity Error vs
Supply Voltage
DS100104-62
Linearity Error vs
Temperature
DS100104-56
Linearity Error vs
Clock Frequency
DS100104-55
Power Supply Current
vs Temperature
DS100104-57
Output Current vs
Temperature
DS100104-58
Power Supply Current
vs Clock Frequency
DS100104-61
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com