Electronic Components Datasheet Search
  English  ▼

X  

ADC12030CIWM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12030CIWM
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12030CIWM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12030CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC12030CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
ADC12H030/ADC12H032/ADC12H034/ADC12H038,
ADC12030/ADC12032/ADC12034/ADC12038
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D
Converters with MUX and Sample/Hold
General Description
The ADC12030, and ADC12H030 families are 12-bit plus
sign successive approximation A/D converters with serial I/O
and
configurable
input
multiplexers.
The ADC12032/
ADC12H032,
ADC12034/ADC12H034
and
ADC12038/
ADC12H038 have 2, 4 and 8 channel multiplexers, respec-
tively. The differential multiplexer outputs and A/D inputs are
available on the MUXOUT1, MUXOUT2, A/DIN1 and A/DIN2
pins. The ADC12030/ADC12H030 has a two channel multi-
plexer with the multiplexer outputs and A/D inputs internally
connected. The ADC12030 family is tested witha5MHz
clock, while the ADC12H030 family is tested with an 8 MHz
clock. On request, these A/Ds go through a self calibration
process that adjusts linearity, zero and full-scale errors to
less than ±1 LSB each.
The analog inputs can be configured to operate in various
combinations
of
single-ended,
differential,
or
pseudo-differential modes. A fully differential unipolar analog
input range (0V to +5V) can be accommodated with a single
+5V supply. In the differential modes, valid outputs are ob-
tained even when the negative inputs are greater than the
positive because of the 12-bit plus sign output data format.
The serial I/O is configured to comply with the NSC MI-
CROWIRE. For voltage references see the LM4040 or
LM4041.
Applications
n
Medical instruments
n
Process control systems
n
Test equipment
Features
n
Serial I/O (MICROWIRE Compatible)
n
2, 4, or 8 channel differential or single-ended multiplexer
n
Analog input sample/hold function
n
Power down mode
n
Variable resolution and conversion rate
n
Programmable acquisition time
n
Variable digital output word length and format
n
No zero or full scale adjustment required
n
Fully tested and guaranteed with a 4.096V reference
n
0V to 5V analog input range with single 5V power
supply
n
No Missing Codes over temperature
Key Specifications
j Resolution
12-bit plus sign
j 12-bit plus sign conversion time
– ADC12H30 family
5.5 µs (max)
– ADC12030 family
8.8 µs (max)
j 12-bit plus sign throughput time
– ADC12H30 family
8.6 µs (max)
– ADC12030 family
14 µs (max)
j Integral linearity error
±1 LSB (max)
j single supply
5V ±10%
j Power consumption
33 mW (max)
– Power down
100 µW (typ)
June 2002
© 2002 National Semiconductor Corporation
DS011354
www.national.com


Similar Part No. - ADC12030CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12030CIWM NSC-ADC12030CIWM Datasheet
1Mb / 44P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030CIWM TI1-ADC12030CIWM Datasheet
2Mb / 53P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12030CIWM/NOPB TI1-ADC12030CIWM/NOPB Datasheet
2Mb / 52P
12-Bit Plus Sign Serial I/O A/D Converters
logo
National Semiconductor ...
ADC12030CIWMX NSC-ADC12030CIWMX Datasheet
1Mb / 44P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030CIWMX TI1-ADC12030CIWMX Datasheet
2Mb / 53P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Similar Description - ADC12030CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 TI1-ADC12130_14 Datasheet
2Mb / 52P
ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com