Electronic Components Datasheet Search
  English  ▼

X  

PI2PUSB4122ZHE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI2PUSB4122ZHE
Description  USB 3.0, 4:1 Mux/DeMux Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PUSB4122ZHE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI2PUSB4122ZHE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PUSB4122ZHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PUSB4122ZHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PUSB4122ZHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PUSB4122ZHE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PUSB4122ZHE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Pericom
05/23/14
Features
• 2DifferentialChannel,4:1Mux/DeMux
• PCIExpress®2.0performance,5.0Gbps
• LowBit-to-BitSkew,7psMax.
• LowCrosstalk:-23dB@3GHz
• LowOffIsolation:-23dB@3GHz
• VDDOperatingRange:+1.8V+/-10%
• ESDTolerance2kVHBMondataI/O
• Packaging(Pb-free&Green):
–42contactTQFN
Description
PericomSemiconductor’sPI2USB4122isa4to1differential
channelmultiplexer/demultiplexerswitch.Duetoitslowbit-to-
bitskew,highchannel-to-channelnoiseisolationandhighband-
width,thisproductisidealforUSB3.0switchingto5.0Gbps.
Application
SwitchingUSB3.0signalsforMuxorDeMux.
Block Diagram
Pin Description
A0-
A0+
A1-
A1+
B0-
B0+
B1-
B1+
C0-
C0+
C1-
C1+
D0-
D0+
D1-
D1+
Z0-
Z0+
Z1-
Z1+
DECODE
SB
SA
SD
SC
SEL0
SEL1
SA
SB
SC
SD
Truth Table
SEL1
SEL0
FUNCTION
0
0
ZtoA
0
1
ZtoB
1
0
ZtoC
1
1
ZtoD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
42 41 40 39
18 19 20 21
A0+
A0-
A1+
A1-
B0+
B0-
B1+
B1-
VDD
C0+
C0-
C1+
C1-
D0+
D0-
D1+
D1-
GND
SEL0
SEL1
VDD
GND
GND
Z0+
Z0-
VDD
Z1+
Z1-
GND
GND
VDD
GND
GND
GND
VSS
PI2USB4122
USB 3.0, 4:1 Mux/DeMux Switch
14-0075


Similar Part No. - PI2PUSB4122ZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE212 PERICOM-PI2PCIE212 Datasheet
284Kb / 8P
1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE212ZHE PERICOM-PI2PCIE212ZHE Datasheet
284Kb / 8P
1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2212 PERICOM-PI2PCIE2212 Datasheet
818Kb / 6P
PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
More results

Similar Description - PI2PUSB4122ZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3253 PERICOM-PI5C3253 Datasheet
349Kb / 6P
Dual 4:1 Mux/DeMux Bus Switch
PI5C3253QEX PERICOM-PI5C3253QEX Datasheet
499Kb / 7P
Dual 4:1 Mux/DeMux Bus Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
Dual 4:1 Mux/DeMux
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
3:1 Mux/DeMux Bus Switch
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com