Electronic Components Datasheet Search
  English  ▼

X  

PI3A125B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3A125B
Description  SPST Wide Bandwidth Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A125B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3A125B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A125B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A125B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A125B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A125B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A125B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A125B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A125B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-11-0008
PT0448-1
12/19/13
2
PI3A125B
Wide Bandwidth Analog Switch
Maximum Ratings
Storage Temperature…………………………………...-65℃ to +150℃
Ambient Temperature with Power Applied......................-40℃ to +85℃
Supply Voltage V+ ………………………………………-0.3V to +7.0V
DC Control Voltage VIN
… …………………………….-0.5V to 7.0V
DC Input Voltage (VNC, VCOM)..................................-0.3V to V+ + 0.5V
DC Output Current IOUT… ……………………………………….128mA
DC V+ or Ground Current I+ /IGND … …………………………..±100mA
Junction Temperature under Bias (TJ) ...........................................150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds) ................................................................ 260°C
Power Dissipation (PD) @ +85°C ...............................................180mW
ESD (HBM)…………………………………………………..….2000V
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V+
Operating Voltage
-
1.65
-
6.0
V
VIN
Control Input Voltage
-
0
-
6.0
V
VINPUT
Switch Input Voltage
-
0
-
V+
V
VOUT
Output Voltage
-
0
-
V+
V
TA
Operating Temperature
-
-40
25
85
°C
tr, tf
Control Input Rise and
Fall Time
V+ = 2.3V to 3.6V
0
-
10
ns/V
V+ = 4.5V to 6.0V
0
-
5
ns/V
Note: Control input must be held HIGH or LOW; it must not float.
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com