Electronic Components Datasheet Search
  English  ▼

X  

PI3A288 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3A288
Description  Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A288 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3A288 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Ultra-Low-THD Dual-SPDT (0.35Ω) Analog Switch
with Negative Signal Handling Capability
2015-10-0009
PT0541-4
11/03/15
1
PI3A288
Features
 CMOS Technology for Bus and Analog Applications
 Negative Signal Handling Capability at all Ports
 Low On-Resistance: 0.35Ω at 1.8V Supply
 On-Resistance Flatness 0.001Ω
 Wide VDD Range: 1.65V to 4.3V
 2.0Vrms analog signal range
 Programmable soft-start and soft-stop time
 -3dB Bandwidth: 255MHz
 High Off Isolation: -85dB @ 30kHz
 Low THD: 0.0003% from 20Hz to 20kHz, 0.5VRMS
 Crosstalk Rejection Reduces Signal Distortion:
-85dB @ 30kHz
 High-impedance mode when VDD not applied
 ESD:4kV for HBM mode, 1kV for CDM mode
 Extended Industrial Temperature Range: –40°C to
85°C
 Packaging (Pb-free & Green): –10-contact UQFN
(ZM10)
Applications
Cell Phones, PDAs, MP3 Players
Portable Instrumentation
Computer Peripherals
Speaker Headset Switching
Power Routing
Relay Replacement
Audio and Video Signal Routing
PCMCIA Cards
Modems
Description
PI3A288 is a dual, single-pole double throw (SPDT)
CMOS switch with negative signal handling capability
at all ports. It can be used as an analog switch or as a
low-delay bus switch. Operating over a wide power
supply voltage ranges from 1.65V to 4.3V, PI3A288
processes a low on-resistance and distortion. The ultra-
low THD performance enables PI3A288 to apply in
high-quality audio applications.
PI3A288 has also a soft-start and soft-stop feature so as
to minimize signal disruption during channel switching
Functional Block Diagram
Pin Description
Pin
Name
Description
1, 3
NOX
Data Ports (Normally open)
4
GND
Ground
2, 10
NCX
Data Ports (Normally closed)
5, 8
COMX
Common Output / Data Ports
9
VDD
Positive Power Supply
7
IN
Logic Control Pins
6
SSCAP
Slew Rate Control Pin
Logic Function Table
Logic Input (IN)
Function
0
NC1 Connected to COM1
NC2 Connected to COM2
1
NO1 Connected to COM1
NO2 Connected to COM2
Logic Function Table


Similar Part No. - PI3A288

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A212 PERICOM-PI3A212 Datasheet
609Kb / 8P
Small Plastic Package, Dual SPDT Analog Switch
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
PI3A212SZLE PERICOM-PI3A212SZLE Datasheet
632Kb / 8P
Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
PI3A212ZLEX PERICOM-PI3A212ZLEX Datasheet
609Kb / 8P
Small Plastic Package, Dual SPDT Analog Switch
PI3A223 PERICOM-PI3A223 Datasheet
313Kb / 9P
Small Plastic Package, Dual SPDT Analog Switch
More results

Similar Description - PI3A288

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2269 FAIRCHILD-FSA2269 Datasheet
97Kb / 2P
Low-Voltage Dual-SPDT (0.4ohm) Analog Switch with Negative Swing Audio Capability
logo
Intersil Corporation
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
December 19, 2008
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
March 5, 2009
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Texas Instruments
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
0.65- Dual SPDT Analog Switch with Negative Signaling Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750_V01 Datasheet
165Kb / 9P
0.45 Ω, Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
20-Mar-17
logo
STMicroelectronics
STG5678 STMICROELECTRONICS-STG5678 Datasheet
588Kb / 23P
Low voltage dual SPDT switch with negative rail capability
04-Jun-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com