Electronic Components Datasheet Search
  English  ▼

X  

78L05 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 78L05
Description  3-Terminal positive voltage regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

78L05 Datasheet(HTML) 1 Page - Nanjing International Group Co

  78L05 Datasheet HTML 1Page - Nanjing International Group Co 78L05 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
78L05
3-Terminal positive voltage regulator
5V
• Suitable for TTL, DTL, HTL, C-MOS, Power Supply
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• Maximum Output Current of 150 mA (Tj = 25 OC)
• Available in the Plastic TO-92 Package
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
35
V
Power Dissipation
Ptot
800
mW
Operating Temperature
Topr
-30 to +75
O
C
Storage Temperature Range
Ts
-55 to +150
O
C
Electrical Characteristics (Unless otherwise specified, VIN = 10 V, IOUT = 40 mA, CIN = 0.33 µF, COUT = 0.1 µF, Tj = 25 °C)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output Voltage
VOUT
4.8
5.0
5.2
V
Input Regulation
Reg. line
7 V
≤ VIN ≤ 20 V
-
55
150
mV
8 V
≤ VIN ≤ 20V
-
45
100
Load Regulation
Reg. load
1 mA
≤ IOUT ≤ 100 mA
-
11
60
mV
1 mA
≤ IOUT ≤ 40 mA
-
5.0
30
Output Voltage
VOUT
7 V
≤ VIN ≤ 20 V
4.75
-
5.25
V
1 mA
≤ IOUT ≤ 40mA
VOUT
VIN = 10 V
4.75
-
5.25
V
1 mA
≤ IOUT ≤ 70 mA
Quiescent Current
IB
-
3.1
6
mA
With line
8 V
≤ VIN ≤ 20 V
-
-
1.5
Quiescent Current
Change
With load
ΔIB
1 mA
≤ IOUT ≤ 40 mA
-
-
0.1
mA
Output Noise Voltage
VNO
Ta = 25 OC,
10 Hz
≤ f ≤ 100 KHz
-
40
-
µV
Ripple Rejection
RR
f = 120 Hz,
8 V
≤ VIN ≤ 18 V, Tj = 25 OC
41
49
-
dB
Dropout Voltage
⎢VIN-VOUT ⎢ Tj = 25 OC
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
IOUT = 5 mA
-
-0.6
-
mV/OC
TO-92 Plastic Package


Similar Part No. - 78L05

ManufacturerPart #DatasheetDescription
logo
NEC
78L05 NEC-78L05 Datasheet
387Kb / 12P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS?
logo
National Semiconductor ...
78L05 NSC-78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
logo
STMicroelectronics
78L05 STMICROELECTRONICS-78L05 Datasheet
145Kb / 19P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
List of Unclassifed Man...
78L05 ETC1-78L05 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Estek Electronics Co. L...
78L05 ESTEK-78L05 Datasheet
122Kb / 3P
3-Terminal Regulators
More results

Similar Description - 78L05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com