Electronic Components Datasheet Search
  English  ▼

X  

PI3A3899 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3A3899
Description  High Speed, Dual DPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A3899 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3A3899 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A3899 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A3899 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A3899 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A3899 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A3899 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A3899 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-08-0002
PT0447-2
09/29/12
3
PI3A3899
High Speed, Dual DPDT Analog Switch
DC Electrical Characteristics
(VCC = 1.65 to 4.3V, GND=0V, VIH=+1.6V, VIL=+0.4V, TA = –40°C to 85°C, unless otherwise noted. Typical values are at 3V
and +25°C.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Analog Signal Range
VNO, VNC,
VCOM
-
0
-
VCC
V
On-Resistance
RON
ICOM = 100mA, VNO or
VNC =1V, Test Circuit 1
VCC = 2.7V,
-
2.2
3.6
Ω
VCC = 3.0V,
-
2.0
3
VCC = 4.3V
-
1.6
2.4
On-Resistance Match
Between Channels
ΔR
ON
ICOM = 100mA, VNO or
VNC =1V, Test Circuit 1
VCC = 3.0V
-
0.2
-
Ω
VCC = 4.3V
-
0.2
-
On-Resistance
Flatness
RONF
ICOM = 100mA, VNO or
VNC = 0~ VCC, Test
Circuit 1
VCC = 3.0V
-
0.6
Ω
VCC = 4.3V
-
0.5
Source Off
Leakage Current
IOFF (NO) or
IOFF (NC)
VCC=4.3V, VNO or VNC = 4.3V/0V, VCOM =
0V/4.3V
-
-
1
μA
Channel On Leakage
Current
INC(ON),
INO(ON), ICOM
(ON)
VCC=4.3V, VNO or VNC = 4.3V/0V, VCOM =
0V/4.3V or floating
-
-
1
Input Logic High
VIH
VCC = 3.0V
1.2
-
-
V
VCC = 4.3V
1.3
-
-
Input Logic Low
VIL
VCC = 3.0V
-
-
0.5
VCC = 4.3V
-
-
0.6
IN Input Leakage
Current
IIN
VCC = 4.3V, VIN=0~4.3V
-
-
+/-1
μA
Turn-On Time
tON
RL=50Ω, CL=35pF, TA=25°C, See Test
Circuit Figure 2
-
8
-
ns
Turn-Off Time
tOFF
-
12
-
ns
Break-Before-Make
Delay
tD
TA=25°C, See Test Circuit Figure 3
-
9
-
ns
NC-NO and COM-
NC/NO Off-Isolation
OISO
VBIAS = 1.5V, VIN=0dBm,
TA=25°C, See Test Circuit
Figure 4
1MHz
-
-67
-
dB
Channel-to-Channel
Crosstalk
XTALK
VBIAS = 1.5V, VIN=0dBm,
TA=25°C,
See Test Circuit Figure 5
1MHz
-
-100
-
dB
3dB Bandwidth
f3dB
CL=5pF, See Test Circuit Figure 6
-
330
-
MHz
Total Harmonic
Distortion
THD
VCC=3.0V, f=20 Hz to 20 kHz, RL =32Ω,
VIN= 1.0 VPP
-
0.03
-
%
Charge Injection Select
Input to Common I/O
Q
VIN = GND, RS = 0, CL = 1nF, TA=25°C,
See Test Circuit Figure 7
-
13
-
pC
Off Capacitance
CNC(OFF)
CNO(OFF)
f=1MHz, TA=25
°C, See Test Circuit Figure 8
-
7
-
pF
-
7
-
On Capacitance
CON
f=1MHz, TA=25
°C, See Test Circuit Figure 9
-
15
-
Power Supply Current
ICC
VCC =4.3V,VIN=0V or VCC
-
-
1
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com