Electronic Components Datasheet Search
  English  ▼

X  

B40C800 Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # B40C800
Description  0.8A SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

B40C800 Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  B40C800 Datasheet HTML 1Page - Olitech Electronics Co.Ltd B40C800 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B40C800 – B500C800
0.8A SINGLE-PHASE BRIDGE RECTIFIER
Features
!
!
Typical IR less than 0.1uA
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
+
~
~
-
!
Excellent Case Dielectric Strength
                       
C
D
Mechanical Data
!
Case: Molded Plastic
E
!
Terminals: Plated Leads Solderable per
MIL-STD-750, Method 2026
~
!
Polarity: As Marked on Body
!
Weight: 1.1 grams (approx.)
-
!
Mounting Position: Any
+
!
Marking: Type Number
G
!
Lead Free: For RoHS / Lead Free Version,
G
~
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
B40C
800
B80C
800
B125C
800
B250C
800
B380C
800
B500C
800
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
200
300
600
900
1200
V
Input Voltage Recommended
VR(RMS)
40
80
125
250
380
500
V
Average Rectified Output Current (Note 1)
@TA = 50°C
IO
0.8
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
45
A
Forward Voltage (per element)
@IF = 0.8A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
Case Style WOG
Dim
Min
Max
A
8.60
9.10
B
5.0
5.50
C
27.9
—
D
25.4
—
E
0.71
0.81
G
4.60
5.60
All Dimensions in mm
Glass passivated chip junctions
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Page:P2-P1
OLITECH ELECTRONICS CO. LTD.
BxxC
800

BxxC800
= Device Number
xx
= 40, 80, 125, 250, 380, 500
Polarity
= As Marked on Body


Similar Part No. - B40C800

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C800 WTE-B40C800 Datasheet
45Kb / 3P
0.8A BRIDGE RECTIFIER
B40C800 WTE-B40C800 Datasheet
46Kb / 4P
0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
General Semiconductor
B40C800DM GE-B40C800DM Datasheet
84Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
B40C800DM VISHAY-B40C800DM Datasheet
87Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
B40C800DM VISHAY-B40C800DM Datasheet
97Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
29-May-08
More results

Similar Description - B40C800

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C800 WTE-B40C800 Datasheet
45Kb / 3P
0.8A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBB08 SANYO-DBB08 Datasheet
51Kb / 2P
0.8A Single-Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Won-Top Electronics
B40C800 WTE-B40C800_06 Datasheet
46Kb / 4P
0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Gulf Semiconductor
MD12 GULFSEMI-MD12 Datasheet
196Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 1200V CURRENT:0.8A
logo
Formosa MS
MB2M FORMOSA-MB2M Datasheet
158Kb / 6P
0.8A Glass Passivated Single-Phase Bridge Rectifiers-200-1000V
logo
ON Semiconductor
DBB08 ONSEMI-DBB08 Datasheet
211Kb / 3P
0.8A Single-Phase Bridge Rectifi er
September, 2013
logo
SMC Diode Solutions Co....
MB05S SMCDIODE-MB05S Datasheet
345Kb / 5P
Single-Phase 0.8A Surface Mount Glass Passivated Bridge Rectifier
Rev. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com