Electronic Components Datasheet Search
  English  ▼

X  

PI3PCIE2415 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3PCIE2415
Description  3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE2415 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3PCIE2415 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PCIE2415 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE2415 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE2415 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE2415 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE2415 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE2415 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE2415 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE2415 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.pericom.com
PS8945B.1
03/20/13
All trademarks are property of their respective owners.
PI3PCIE2415
3.3V PCI Express® 2.0, 2-Lane, 2:1 Mux/DeMux Switch
Signal Descriptions
Pin Number
Pin Name Type
Description
1,
2
AI+,
AI-
Differential input
Differential input pair from PCIE signal source. Signal is passed
through to the AOa+, AOa- pin respectively when SEL=0. Signal
is passed through to the AOb+, AOb- pin respectively when SEL
= 1.
37,
36
AOa+,
AOa-
Differential pass-through
input
Differential analog pass-through output. Signal from AI+ and AI-
is passed through AOa+ and AOa- respectively when SEL=0.
3,
4
AOb+,
AOb-
Differential pass-through
input
Differential analog pass-through output. Signal from AI+ and AI-
is passed through AOa+ and AOa- respectively when SEL=1.
5,
6
BI+,
BI-
Differential input
Differential input pair from PCIE signal source. Signal is passed
through to the BOa+, BOa- pin respectively when SEL=0. Signal
is passed through to the BOb+, BOb- pin respectively when SEL
= 1.
33,
32
BOa+,
BOa-
Differential pass-through
input
Differential analog pass-through output. Signal from BI+ and BI-
is passed through BOa+ and BOa- respectively when SEL=0.
7,
8
BOb+,
BOb-
Differential pass-through
input
Differential analog pass-through output. Signal from BI+ and BI-
is passed through BOb+ and BOb- respectively when SEL=1.
10,
11
CI+,
CI-
Differential input
Differential input pair from PCIE signal source. Signal is passed
through the COa+, COa- pin respectively When SEL=0. Signal is
passed through to the COb+, COb- pin respectively when SEL = 1.
28,
27
COa+,
COa-
Differential pass-through
input
Differential analog pass-through output. Signal from CI+ and CI-
is passed through COa+, COa- pin respectively when SEL = 0.
12,
13
COb+,
COb-
Differential pass-through
input
Differential analog pass-through output. Signal from CI+ and CI-
is passed through COb+, COb- pin respectively when SEL = 1.
14,
15
DI+,
DI-
Differential input
Differential input pair from PCIE signal source. Signal is passed
through the DOa+, DOa- pin respectively When SEL=0. Signal is
passed through to the DOb+, DOb- pin respectively when SEL = 1.
24,
23
DOa+,
DOa-
Differential pass-through
input
Differential analog pass-through output. Signal from DI+ and DI-
is passed through DOa+, DOa- pin respectively when SEL = 0.
16,
17
DOb+,
DOb-
Differential pass-through
input
Differential analog pass-through output. Signal from DI+ and DI-
is passed through DOb+, DOb- pin respectively when SEL = 1.
18, 20, 22, 25, 29,
35, 38, 40, 42
GND
Ground input
Ground
30
SEL
3.6V tolerant low-voltage
single-ended input
SEL controls the mux through a flow-through latch.
9, 19, 21, 26, 31,
34, 39, 41
VDD
Power supply
Power, 3.3V ±10%
13-0009



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com