Electronic Components Datasheet Search
  English  ▼

X  

PI3PCIE3242 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3PCIE3242
Description  3.3V PCI Express 3.0 4 Channel 2x2 Exchange Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE3242 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3PCIE3242 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.pericom.com
06/02/2014
All trademarks are property of their respective owners.
PI3PCIE3242
3.3V PCI Express® 3.0 4 Channel 2x2 Exchange Switch
Pin Description (30-TQFN)
Pin #
Pin Name I/O Description
1
2
A0+
A0–
I/O
Signal I/O, Channel 0, Port A
7
8
A1+
A1–
I/O
Signal I/O, Channel 1, Port A
25
24
B0+
B0−
I/O
Signal I/O, Channel 0, Port B
19
18
B1+
B1−
I/O
Signal I/O, Channel 1, Port B
3
4
C0+
C0–
I/O
Signal I/O, Channel 0, Port C
9
10
C1+
C1–
I/O
Signal I/O, Channel 1, Port C
23
22
D0+
D0−
I/O
Signal I/O, Channel 0, Port D
17
16
D1+
D1−
I/O
Signal I/O, Channel 1, Port D
29
OE#
I
Output Enable, active low. When OE# = 0 the device I/O is enabled. When OE#=1,
all I/O are high impedance
5
SEL
I
Operation mode Select
(when SEL=0: A→B, C→D, when SEL=1: A→D, C→B)
11, 15, 21, 26, 30
VDD
Pwr 3.3V ±10% Positive Supply Voltage
6, 13, 20, 28, Center
Pad
GND
Pwr Power ground
12, 14, 27
NC
No Connect
14-0087



Html Pages

1 2 3 4 5 6 7 8 9 10