Electronic Components Datasheet Search
  English  ▼

X  

BC556 Datasheet(PDF) 2 Page - Olitech Electronics Co.Ltd

Part # BC556
Description  FEATURES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

BC556 Datasheet(HTML) 2 Page - Olitech Electronics Co.Ltd

  BC556 Datasheet HTML 1Page - Olitech Electronics Co.Ltd BC556 Datasheet HTML 2Page - Olitech Electronics Co.Ltd BC556 Datasheet HTML 3Page - Olitech Electronics Co.Ltd BC556 Datasheet HTML 4Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page:P4 -P2
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base
breakdown voltage
BC556
V(BR)CBO
IC= -0.1mA,IE=0
-80
V
BC557
-50
BC558
-30
Collector-emitter
breakdown voltage
BC556
V(BR)CEO
IC=-2mA,IB=0
-65
V
BC557
-45
BC558
-30
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
-5
V
Collector cut-off current
BC556
ICBO
VCB=-70V,IE=0
-0.1
μA
BC557
VCB=-45V,IE=0
-0.1
μA
BC558
VCB=-25V,IE=0
-0.1
μA
Collector cut-off current
BC556
ICEO
VCE=-60V,IB=0
-0.1
μA
BC557
VCE=-40V,IB=0
-0.1
μA
BC558
VCE=-25V,IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
DC current gain
hFE
*
VCE=-5V, IC=-2mA
120
800
Collector-emitter saturation voltage
VCE(sat)
IC=-10mA,IB=-0.5mA
-0.3
V
IC=-100mA,IB=-5mA
-0.65
V
Base-emitter saturation voltage
VBE(sat)
IC=-10mA,IB=-0.5mA
-0.8
V
IC=-100mA,IB=-5mA
-1
V
Base-emitter voltage
VBE
VCE=-5V, IC=-2mA
-0.55
-0.7
V
VCE=-5V, IC=-10mA
-0.82
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
6
pF
Transition frequency
BC556
fT
VCE=-5V,IC=-10mA, f=100MHz
150
MHz
BC557
150
MHz
BC558
150
MHz
CLASSIFICATION of hFE
RANK
A
B
C
RANGE
110-220
180-460
420-800
BC556/BC557/BC558
Plastic-Encapsulate Transistors
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com