Electronic Components Datasheet Search
  English  ▼

X  

HV3 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # HV3
Description  High Voltage Si-Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

HV3 Datasheet(HTML) 1 Page - Diotec Semiconductor

  HV3 Datasheet HTML 1Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
1
HV 3
High Voltage Si-Rectifiers
Si-Hochspannungs-Gleichrichter
Version 2004-04-19
Nominal current – Nennstrom
200 mA
Repetitive peak reverse voltage
3000 V
Periodische Spitzensperrspannung
Plastic case
DO-41
Kunststoffgehäuse
DO-204AL
Weight approx. – Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped in ammo pack
see page 16
Standard Lieferform gegurtet in Ammo-Pack
siehe Seite 16
Maximum ratings
Grenzwerte
Repetitive peak reverse voltage
V
RRM
3000 V
Periodische Spitzensperrspannung
Max. average forward rectified current, R-load
T
A = 50°C
I
FAV
200 mA
1)
Dauergrenzstrom in Einwegschaltung mit R-Last
Peak forward surge current, 50 Hz half sine-wave
T
A = 25°C
I
FSM
10 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+150°C
Storage temperature – Lagerungstemperatur
T
S
– 50…+150°C
Characteristics
Kennwerte
Forward voltage – Durchlaßspannung
T
j = 25°C
I
F = 200 mA
V
F
< 6 V
Leakage current – Sperrstrom
T
j = 25°C
V
R = VRRM
I
R
< 3 µA
Reverse recovery time
I
F = 10 mA through/über
t
rr
< 400 ns
Sperrverzugszeit
I
R = 10 mA to/auf IR = 1 mA
Thermal resistance junction to ambient air R
thA
< 60 K/W
1)
Wärmewiderstand Sperrschicht – umgebende Luft
Ø
0.1
2.6
-
Ø
±0.05
0.8


Similar Part No. - HV3

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
HV3 DIOTEC-HV3 Datasheet
97Kb / 2P
Fast Switching High Voltage Silicon Rectifier Diodes
HV3 DIOTEC-HV3 Datasheet
98Kb / 2P
Fast Switching High Voltage Si-Rectifiers
HV3 DIOTEC-HV3 Datasheet
98Kb / 2P
Fast Switching High Voltage Silicon Rectifier Diodes
HV3 DIOTEC-HV3 Datasheet
138Kb / 2P
Fast Recovery High Voltage Rectifier Diodes
logo
Intersil Corporation
HV3-2405E-5 INTERSIL-HV3-2405E-5 Datasheet
699Kb / 16P
World-WideSingle Chip Power Supply
September 1998
More results

Similar Description - HV3

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DD300 DIOTEC-DD300 Datasheet
127Kb / 2P
Fast Switching High Voltage Si-Rectifiers
BV4 DIOTEC-BV4 Datasheet
107Kb / 1P
High Voltage Si-Rectifiers
BY4 DIOTEC-BY4 Datasheet
110Kb / 1P
High Voltage Si-Rectifiers
BY251 DIOTEC-BY251_07 Datasheet
63Kb / 2P
Si-Rectifiers - Si-Gleichrichter
BY4 DIOTEC-BY4_07 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
BV4 DIOTEC-BV4 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
DD300 DIOTEC-DD300_07 Datasheet
58Kb / 2P
Fast Switching High Voltage Si-Rectifiers Schnelle Si-Hochspannungs-Gleichrichter
HV3 DIOTEC-HV3_07 Datasheet
98Kb / 2P
Fast Switching High Voltage Si-Rectifiers
HV1.5 DIOTEC-HV1.5 Datasheet
64Kb / 2P
Fast Switching High Voltage Si-Rectifiers
HV2.3SMA DIOTEC-HV2.3SMA Datasheet
100Kb / 2P
Fast Switching Surface Mount High Voltage Si-Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com