Electronic Components Datasheet Search
  English  ▼

X  

DSK102 Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # DSK102
Description  Surface Mount Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

DSK102 Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  DSK102 Datasheet HTML 1Page - Olitech Electronics Co.Ltd DSK102 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Major Ratings and Characteristics
Features
Low profile package
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
● Case: JEDEC SOD-123FL molded plastic
body over passivated chip
●
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity: Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25
°
C unless otherwise noted)
Symbol DSK12 DSK13 DSK14 DSK15 DSK16 DSK18 DSK110 UNIT
VRRM
20
30
40
50
60
80
100
V
VRMS
14
21
28
35
42
56
70
V
VDC
20
30
40
50
60
80
100
V
IF(AV)
A
IFSM
A
VF
V
Maximum DC reverse current
TA = 25 ℃
CJ
TJ, TSTG
℃
mA
Operating junction and storage
temperature range
at Rated DC blocking voltage
TA = 100℃
Typical junction capacitance at 4.0 V ,1MHz
IR
110
– 65 to +125
10
1.0
25
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
Maximum instantaneous forwad voltage at 1.0A
0.70
0.85
0.55
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Tj max.
125
°
C
Maximum repetitive peak reverse voltage
IFSM
25 A
VF
0.55 V , 0.70 V,0.85V
IF(AV)
1.0 A
VRRM
20 V to 100 V
DSK12~DSK110
Surface Mount Schottky Rectifier
●
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Page:P2-P1
OLITECH ELECTRONICS CO. LTD.


Similar Part No. - DSK102

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSK10 SANYO-DSK10 Datasheet
31Kb / 2P
1.0A Power Rectifier
DSK10 SANYO-DSK10 Datasheet
34Kb / 3P
1.0A Power Rectifier
DSK10B SANYO-DSK10B Datasheet
31Kb / 2P
1.0A Power Rectifier
logo
ON Semiconductor
DSK10B ONSEMI-DSK10B Datasheet
647Kb / 2P
1.0A Power Rectifier
February, 2014
DSK10B-AT1 ONSEMI-DSK10B-AT1 Datasheet
647Kb / 2P
1.0A Power Rectifier
February, 2014
More results

Similar Description - DSK102

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com